Electronic Components Datasheet Search
  English  ▼

X  

RUT241000000 Datasheet(PDF) 7 Page - TELTONIKA NETWORKS.

Part # RUT241000000
Description  RUT241
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELTONIKA [TELTONIKA NETWORKS.]
Direct Link  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.

RUT241000000 Datasheet(HTML) 7 Page - TELTONIKA NETWORKS.

Back Button RUT241000000 Datasheet HTML 3Page - TELTONIKA NETWORKS. RUT241000000 Datasheet HTML 4Page - TELTONIKA NETWORKS. RUT241000000 Datasheet HTML 5Page - TELTONIKA NETWORKS. RUT241000000 Datasheet HTML 6Page - TELTONIKA NETWORKS. RUT241000000 Datasheet HTML 7Page - TELTONIKA NETWORKS. RUT241000000 Datasheet HTML 8Page - TELTONIKA NETWORKS. RUT241000000 Datasheet HTML 9Page - TELTONIKA NETWORKS. RUT241000000 Datasheet HTML 10Page - TELTONIKA NETWORKS. RUT241000000 Datasheet HTML 11Page - TELTONIKA NETWORKS. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
STANDARD PACKAGE CONTAINS*
• Router RUT241
• 9 W PSU
• 2 x LTE antennas (swivel, SMA male)
• 1 x Wi-Fi antenna (swivel, RP-SMA male)
• Ethernet cable (1.5 m)
• SIM Adapter kit
• QSG (Quick Start Guide)
• Packaging box
WHAT'S IN THE BOX?
* For all standard order codes standard package contents are the same, except for PSU.
ROUTER RUT241
9 W PSU
1 X WI-FI ANTENNA (SWIVEL, RP-SMA
MALE)
ETHERNET CABLE (1.5 M)
2 X LTE ANTENNAS (SWIVEL, SMA
MALE)
SIM ADAPTER KIT
DATASHEET // RUT241
Copyright © 2023, TELTONIKA NETWORKS. Specifications and information given in this document are subject to change by TELTONIKA NETWORKS without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com