Electronic Components Datasheet Search
  English  ▼

X  

CC5401 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CC5401
Description  PNP COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CC5401 Datasheet(HTML) 1 Page - Continental Device India Limited

  CC5401 Datasheet HTML 1Page - Continental Device India Limited CC5401 Datasheet HTML 2Page - Continental Device India Limited CC5401 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTOR
CC5401
(9AW)
TO-92
BCE
MARKING : CC
5401
High Voltage PNP Transistor For General Purpose And Telephony Applications.
ABSOLUTE MAXIMUM RATINGS.
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
150
V
Collector -Base Voltage
VCBO
160
V
Emitter -Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
600
mA
Power Dissipation @Ta=25 degC
PD
625
mW
Derate Above 25 deg C
5.0
mw/deg C
Power Dissipation @Tc=25 degC
PD
1.5
W
Derate Above 25 deg C
12
mw/deg C
Junction Temperature
Tj
150
deg C
Storage Temperature
Tstg
-55 to +150
deg C
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
83.3
deg C/W
Junction to Ambient
Rth(j-a)
200
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO*
IC=1uA,IB=0
150
-
-
V
Collector -Base Voltage
VCBO
IC=100uA.IE=0
160
-
-
V
Emitter -Base Voltage
VEBO
IE=10uA, IC=-0
5.0
-
-
V
Collector-Cut off Current
ICBO
VCB=160V, IE=0
-
-
50
nA
Ta=100 deg C
VCB=160V, IE=0
-
-
50
uA
ICEO
VCE=150V, IB=0
1.0
uA
Emitter-Cut off Current
IEBO
VEB=4V, IC=0
-
-
50
nA
DC Current Gain
hFE*
IC=1mA,VCE=5V
50
-
-
IC=10mA,VCE=5V
80
-
320
IC=50mA,VCE=5V
50
-
-
IS/ISO 9002
Lic# QSC/L- 000019.2
IS / IECQC 700000
IS / IECQC 750100
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CC5401

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
CC54123F FS-CC54123F Datasheet
674Kb / 7P
Earth Leakage Detector
CC54123P FS-CC54123P Datasheet
674Kb / 7P
Earth Leakage Detector
More results

Similar Description - CC5401

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA42 CENTRAL-CMPTA42 Datasheet
110Kb / 2P
SILICON COMPLEMENTARY HIGH VOLTAGE TRANSISTOR
CZT7090L CENTRAL-CZT7090L Datasheet
74Kb / 2P
SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTO
CMPT6517 CENTRAL-CMPT6517 Datasheet
104Kb / 2P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
logo
Infineon Technologies A...
BFP540FESD INFINEON-BFP540FESD Datasheet
112Kb / 5P
NPN Silicon RF Transisto
2007-03-23
logo
Chenmko Enterprise Co. ...
CHT5338ZPT CHENMKO-CHT5338ZPT Datasheet
136Kb / 2P
NPN Silicon Transisto r
CHT5824XPT CHENMKO-CHT5824XPT Datasheet
338Kb / 2P
NPN Silicon Transisto r
CHT9013PT CHENMKO-CHT9013PT Datasheet
180Kb / 3P
NPN Silicon Transisto r
logo
KODENSHI_AUK CORP.
STC403L KODENSHI-STC403L Datasheet
293Kb / 6P
NPN Silicon Transisto
logo
Renesas Technology Corp
2SC2335 RENESAS-2SC2335_15 Datasheet
241Kb / 8P
SILICON POWER TRANSISTO
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com