Electronic Components Datasheet Search
  English  ▼

X  

8230 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 8230
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

8230 Datasheet(HTML) 3 Page - California Eastern Labs

  8230 Datasheet HTML 1Page - California Eastern Labs 8230 Datasheet HTML 2Page - California Eastern Labs 8230 Datasheet HTML 3Page - California Eastern Labs 8230 Datasheet HTML 4Page - California Eastern Labs 8230 Datasheet HTML 5Page - California Eastern Labs 8230 Datasheet HTML 6Page - California Eastern Labs 8230 Datasheet HTML 7Page - California Eastern Labs 8230 Datasheet HTML 8Page - California Eastern Labs 8230 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS
(TA =+25 C, VCC =VPS =3.0 V, fin = 1 575 MHz, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
I
t
n
e
r
r
u
C
t
i
u
c
r
i
C
CC
No Signal (VPS = 3.0 V)
4.5
6.0
8.0
mA
V
(
e
d
o
M
g
n
i
v
a
S
-
r
e
w
o
P
t
A
PS
=0V)
1
A
G
n
i
a
G
r
e
w
o
P
P
Pin =
B
d
1
2
5
.
8
1
6
1
m
B
d
5
3
F
N
e
r
u
g
i
F
e
s
i
o
N
0.85
1.15
dB
Input 3rd Order Distortion Intercept
Point
IIP3
fin1 = 1 574 MHz, fin2=1575 MHz
5
dBm
L
R
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
in
1
1
8
dB
Output Return Loss
RLout
0
1
7
dB
L
S
I
n
o
i
t
a
l
o
s
I
39
dB
Gain 1 dB Compression Input Power
Pin (1 dB)
17
dBm
TEST CIRCUIT
0.1 F
4.7 nH
100 pF
INPUT
5
6
7
8
4
2
1
3
OUTPUT
1 pF
VCC
0.1 F
VPS
Data Sheet PU10612EJ01V0DS
3
PC8230TU



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com