Electronic Components Datasheet Search
  English  ▼

X  

AM1 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # AM1
Description  High Dynamic Range Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AM1 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  AM1 Datasheet HTML 1Page - WJ Communication. Inc. AM1 Datasheet HTML 2Page - WJ Communication. Inc. AM1 Datasheet HTML 3Page - WJ Communication. Inc. AM1 Datasheet HTML 4Page - WJ Communication. Inc. AM1 Datasheet HTML 5Page - WJ Communication. Inc. AM1 Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 4 of 6 June 2006
AM1
High Dynamic Range Gain Block
Product Information
The Communications Edge TM
Application Circuit: 800 – 2600 MHz (AM1-PCB)
C=
ID=
1.8e4 pF
C4
L=
ID=
12 nH
L3
L=
ID=
10 nH
L2
C=
ID=
56 pF
C5
CAP
C=
ID=
56 pF
C2
F0=
Loss=
Eeff=
L=
Z0=
ID=
1 GHz
0
3.52
170 mil
50 Ohm
TL1
NET="AM1"
+4.5V
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Frequency (GHz)
9
10
11
12
13
14
-25
-20
-15
-10
-5
0
DB(|S[1,1]|) * (R)
DB(|S[2,1]|) * (L)
DB(|S[2,2]|) * (R)
Reference Design: 70 MHz
C=1e4 pF
L=180 nH
C=1e4 pF
C=1e4 pF
L=180 nH
C=5.6 pF
NET="AM1"
+4.5 V
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
Frequency (GHz)
12
13
14
15
16
17
-25
-20
-15
-10
-5
0
DB(|S[1,1]|) (R)
DB(|S[2,1]|) (L)
DB(|S[2,2]|) (R)
Reference Design: 170 MHz
C=1000 pF
L=220 nH
C=1000 pF
C=1e4 pF
L=39 nH
C=3.9 pF
NET="AM1"
+4.5 V
0.1
0.13
0.16
0.19
0.22
0.25
Frequency (GHz)
12
13
14
15
16
17
-25
-20
-15
-10
-5
0
DB(|S[1,1]|) (R)
DB(|S[2,1]|) (L)
DB(|S[2,2]|) (R)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com