Electronic Components Datasheet Search
  English  ▼

X  

RTCS0100 Datasheet(PDF) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # RTCS0100
Description  Precision DC Ammeter Shunt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

RTCS0100 Datasheet(HTML) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  RTCS0100 Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD RTCS0100 Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD RTCS0100 Datasheet HTML 3Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Custom Service for Your Application (CTS Service)
Reverse Installation Advice
Minimum Operating Current
Maximum Operating Current
Working Current Curve
Final Product
Final Product Working Condition
Design Lifetime
Note
Minimum Ambient Temperature
Maximum Ambient Temperature
Ambient Temperature Curve
Installation Method
Heat Dissipation Condition
Installation Notes or Picture
Each shunt requires precise trimming of value. The main challenge in the trimming process is to reach tight tolerance both at 10% of rated current and
100% rated current. It is known that the temperature curve of Manganin material is not linear, so to adjust the surface temperature of metal strip to the
optimum surface temperature is the only way to achieve tight tolerance .
CTS is a free customized trimming service. It will estimate customer's working condition and the average surface temperature of the shunt, and then
provides the best resistance for precision measurement. CTS can significantly improve the tolerance. Each CTS product will be assigned with a
unique identification code.
We will provide test reports for every CTS product for free.
If you are interested in CTS service, please contact our sales engineers with below required information.
电压采样接入口
电流接入口
Reverse Installation Example
Current
No.: E18018Version: V3
Date: 2022/12/26
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
(1) During the installation of the shunt, it shall be ensured that the copper head is in close contact with the bus bar, and the contact area between the
copper head and the bus bar shall be as large as possible. If conditions permit, the size of the bus bar shall be as large as possible and the bus bar
shall be clean.
Voltage Terminal
(2) According to the IEEE standards, the operating current should not be higher than 2/3 of the rated current under the normal conditions.
(3) Derating is required when the ambient temperature is higher than 40 °C to avoid damaging the shunt.
(4) Air cooling, water cooling, increased physical size, and installation of heat sinks can be used to reduce operating temperature.
(5) It is recommended to wear gloves when installing the shunt to prevent oil contamination.
(6) The surface of the copper bar used for inst-
alling the shunt shall be smooth and clean. It is recommended that the surface be plated with nickel or tin to reduce the contact resistance.
(7) Recommended Installation Torque
No.
Bolt Size
Recommended Torque (N.m)
1
M3
0.4~0.8
2
M8
10~15
Precision DC Ammeter Shunt
RTCS0100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com