Electronic Components Datasheet Search
  English  ▼

X  

RTCS2000 Datasheet(PDF) 3 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # RTCS2000
Description  Precision DC Ammeter Shunt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

RTCS2000 Datasheet(HTML) 3 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  RTCS2000 Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD RTCS2000 Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD RTCS2000 Datasheet HTML 3Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
No.: E18018Version: V3
Date: 2022/12/26
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
No.: E18023Version: V3
Date: 2022/12/26
-450ppm
-400ppm
-350ppm
-300ppm
-250ppm
-200ppm
-150ppm
-100ppm
-50ppm
0ppm
0min
2min
4min
6min
8min
10min
12min
RTCS2000B050Z00
200A
RTCS2000B050Z00
2000A
*Under different heat dissipation conditions and different applied copper bar sizes, there will be some differences in the change of shunt on
resistance. The above operating conditions are under normal temperature with 200mm² copper wire;For customized test, please contact us
to provide detailed operating conditions.
Resistance Shift of Loaded RTCS2000 Series Shunt
Loaded Time
Curve of the Resistance of Loaded Shunt
Storage Instructions
(1) The minimum package is 1 piece;
(2) The inner part is sealed and the outer part is customized packing box.
Packaging Instructions
(1) The shunt shall be stored at a temperature of 5 to 35 ° C, humidity<60% RH, and the humidity shall be kept at a low level;
(2) The shunt shall be protected from direct sunlight;
(3) The shunt shall be stored in a clean and dry environment, free of harmful gases (hydrogen chloride, sulfuric acid, hydrogen sulfide, etc.);
(4) Special gloves shall be worn for storage and handling to reduce the risk of surface oxidation;
(5) Under the above conditions, the shunt can be stored for at least 1 year.
Precision DC Ammeter Shunt
RTCS2000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com