Electronic Components Datasheet Search
  English  ▼

X  

AP501 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # AP501
Description  PCS-band 4W HBT Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP501 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  AP501 Datasheet HTML 1Page - WJ Communication. Inc. AP501 Datasheet HTML 2Page - WJ Communication. Inc. AP501 Datasheet HTML 3Page - WJ Communication. Inc. AP501 Datasheet HTML 4Page - WJ Communication. Inc. AP501 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 5 February 2006
AP501
PCS-band 4W HBT Amplifier Module
Product Information
The Communications Edge
TM
Product Features
• 1930 – 1990 MHz
• 32.5 dB Gain
• +36 dBm P1dB
• -62 dBc ACPR
@ 27 dBm IS-95A linear power
• -55 dBc ACLR
@ 26.5 dBm wCDMA linear power
• +12 V Single Supply
• Power Down Mode
• Bias Current Adjustable
• RoHS-compliant flange-mount pkg
Applications
• Final stage amplifiers for repeaters
• Optimized for driver amplifier
PA mobile infrastructure
Product Description
The AP501 is a high dynamic range power amplifier in a
RoHS-compliant flange-mount package.
The multi-stage
amplifier module has 32.5 dB gain, while being able to
achieve high performance for PCS-band applications with
+36 dBm of compressed 1dB power. The module has been
internally optimized for driver applications provide -62 dBc
ACPR at 27 dBm for IS-95A applications or -55 dBc ACLR
at 26.5 for wCDMA applications. The module can be biased
down for current when higher efficiency is required.
The AP501 uses a high reliability InGaP/GaAs HBT process
technology and does not require any external matching
components. The module operates off a +12V supply and
does not requiring any negative biasing voltages; an internal
active bias allows the amplifier to maintain high linearity
over temperature. It has the added feature of a +5V power
down control pin. A low-cost metal housing allows the
device to have a low thermal resistance to ensure long
lifetimes. All devices are 100% RF and DC tested.
The AP501 is targeted for use as a driver or final stage amplifier
in wireless infrastructure where high linearity and high power is
required. This combination makes the device an excellent
candidate for next generation multi-carrier 3G base stations.
Functional Diagram
Top View
Pin No.
Function
1
RF Output
2 / 4
Vcc
3 / 5
Vpd
6
RF Input
Case
Ground
Specifications
25 ºC, Vcc=12V, Vpd=5V, Icq=820mA, R7=0Ω, 50Ω unmatched fixture
Parameter
Units Min Typ Max
Operational Bandwidth
MHz
1930 – 1990
Test Frequency
MHz
1960
Power Gain
dB
30
32.4
30.5
IS-95A ACPR @ 27dBm (1)
dBc
-61.8
-55
wCDMA ACLR @ 26.5dBm (2)
dBc
-55
Input Return Loss
dB
22
Output Return Loss
dB
6
Output P1dB
dBm
+36
Output IP3
dBm
+52
Operating Current @ 27 dBm
mA
790
840
940
Quiescent Current, Icq
mA
780
820
920
Device Voltage, Vcc
V
+12
Device Voltage, Vpd (3)
V
+5
Load Stability
VSWR
10:1
1. IS-95A signal modulation, 9 channels forward, 1.23 MHz BW, ±885 kHz offset.
2. 3GPP wCDMA signal modulation, Test model 1+32 DPCH, 3.84 MHz BW, ±5 MHz offset.
3. Pull-down voltage: 0V = “OFF”, 5V=”ON”
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
RF Input Power (continuous)
with output terminated in 50 Ω
+15 dBm
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance (4)
Parameter
Units Config1 Config2
Operating Current @ 27 dBm
mA
840
420
Quiescent Current, Icq
mA
820
250
Device Voltage, Vcc
V
+12
+12
R7 value
Ω
0
730
Test Frequency
MHz
1960
1960
Power Gain
dB
32.4
30.5
IS-95A ACPR @ 27dBm (1)
dBc
-61.8
-53
wCDMA ACLR @ 26.5dBm (2)
dBc
-55
-49
Input Return Loss
dB
22
20
Output Return Loss
dB
6
8
Output P1dB
dBm
+36
+36
Output IP3
dBm
+52
+52
4. Configuration 1 has the module biased in Class AB and is detailed on page 2 of the datasheet.
Performance is shown at 25 ºC, Vcc=12V, Vpd=5V, Icq=820mA, R7=0Ω, 50Ω unmatched fixture.
Configuration 2 has the module biased in near Class B and is detailed on page 3 of the datasheet.
Performance is shown at 25 ºC, Vcc=12V, Vpd=5V, Icq=250mA, R7=730Ω, 50Ω tuned fixture.
Ordering Information
Part No.
Description
AP501
PCS-band 4W HBT Amplifier Module
AP501-PCB
Fully-Assembled Evaluation Board
(Class AB configuration, Icq=820mA)
1 2 3
4 5 6


Similar Part No. - AP501

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
AP5010 EXTREMENETWORKS-AP5010 Datasheet
655Kb / 13P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
AP5010-IL EXTREMENETWORKS-AP5010-IL Datasheet
655Kb / 13P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
AP5010-WW EXTREMENETWORKS-AP5010-WW Datasheet
655Kb / 13P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
logo
List of Unclassifed Man...
AP5012 ETC-AP5012 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
AP5016 ETC-AP5016 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
More results

Similar Description - AP501

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
Tri-Band HBT Power Amplifier Module
logo
List of Unclassifed Man...
AP504 ETC1-AP504 Datasheet
324Kb / 5P
DCS-band 4W HBT Amplifier Module
logo
WJ Communication. Inc.
AP502 WJCI-AP502 Datasheet
389Kb / 5P
UMTS-band 4W HBT Amplifier Module
AP503 WJCI-AP503 Datasheet
321Kb / 5P
DCS-band 4W HBT Amplifier Module
AP512 WJCI-AP512 Datasheet
267Kb / 5P
UMTS-band 8W HBT Amplifier Module
AP513 WJCI-AP513 Datasheet
311Kb / 5P
DCS-band 8W HBT Amplifier Module
AP504 WJCI-AP504 Datasheet
218Kb / 5P
DCS-band 4W HBT Amplifier Module
AP622 WJCI-AP622 Datasheet
190Kb / 4P
UMTS-band 4W HBT Amplifier Module
logo
TriQuint Semiconductor
AH420 TRIQUINT-AH420 Datasheet
562Kb / 8P
4W High Linearity InGaP HBT Amplifier
AH420 TRIQUINT-AH420_15 Datasheet
683Kb / 9P
4W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com