Electronic Components Datasheet Search
  English  ▼

X  

OM6002ST Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OM6002ST
Description  POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM6002ST Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OM6002ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM6002ST Datasheet HTML 2Page - List of Unclassifed Manufacturers OM6002ST Datasheet HTML 3Page - List of Unclassifed Manufacturers OM6002ST Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OM6001ST - OM6104ST
3.1
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Parameter
OM6001ST OM6002ST OM6003ST OM6004ST
Units
OM6101ST OM6102ST OM6103ST OM6104ST
V
DS
Drain-Source Voltage
100
200
400
500
V
V
DGR
Drain-Gate Voltage (R
GS = 1 M )
100
200
400
500
V
I
D @ TC = 25°C
Continuous Drain Current2
±14
±9
±5.5
±4.5
A
I
D @ TC = 100°C
Continuous Drain Current2
±9
±6
±3.5
±3
A
I
DM
Pulsed Drain Current1
±56
±36
±22
±18
A
P
D @ TC = 25°C
Maximum Power Dissipation
50
50
50
50
W
P
D @ TC = 100°C
Maximum Power Dissipation
20
20
20
20
W
Junction To Case
Linear Derating Factor
0.4
0.4
0.4
0.4
W/°C
Junction To Ambient
Linear Derating Factor
.015
.015
.015
.015
W/°C
T
J
Operating and
T
stg
Storage Temperature Range
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Lead Temperature
(1/16" from case for 10 secs.)
300
300
300
300
°C
1 Pulse Test: Pulse width 300 µsec. Duty Cycle 2%.
2 Package Pin Limitations = 16 amps
THERMAL RESISTANCE (MAXIMUM) at TA = 25°C
R
thJC
Junction-to-Case
2.5
°C/W
R
thJA
Junction-to-Ambient
65
°C/W Free Air Operation
90
75
60
45
30
15
0
0
25
50
75 100 125 150 175
TC - CASE TEMPERATURE (C°)
R
θ
JC = 2.5° C/W
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
POWER DERATING
MECHANICAL OUTLINE
WITH PIN CONNECTION
12 3
Pin 1: Drain
Pin 2: Source
Pin 3: Gate
Note: MOSFETs are also available in Z-Tab, dual and quad pak styles. Duals and quads available in non-gate versions only.
Please call the factory for more information.
PACKAGE OPTIONS
MOD PAK
Z-TAB
6 PIN SIP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com