Electronic Components Datasheet Search
  English  ▼

X  

39124 Datasheet(PDF) 2 Page - Belden Inc.

Part # 39124
Description  Lead Wire, #24 Str TC, PPO Ins, AWM 11028
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

39124 Datasheet(HTML) 2 Page - Belden Inc.

  39124 Datasheet HTML 1Page - Belden Inc. 39124 Datasheet HTML 2Page - Belden Inc. 39124 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2
amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
CA Prop 65:
Yes
MII Order #39 (China RoHS):
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
VW-1
UL voltage rating:
600 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Part Numbers
Variants
Item #
Color
Put-Up Type Length
UPC
39124 010100
Black
Reel
100 ft
612825150374
39124 0101000 Black
Reel
1,000 ft 612825150381
39124 0105000 Black
Reel
5,000 ft 612825150398
39124 013100
Blue, Dark
Reel
100 ft
612825150404
39124 0131000 Blue, Dark
Reel
1,000 ft 612825150411
39124 0135000 Blue, Dark
Reel
5,000 ft 612825150428
39124 001100
Brown
Reel
100 ft
612825150138
39124 0011000 Brown
Reel
1,000 ft 612825150145
39124 0015000 Brown
Reel
5,000 ft 612825150152
39124 008100
Gray
Reel
100 ft
612825150312
39124 0085000 Gray
Reel
5,000 ft 612825150336
39124 005100
Green, Dark Reel
100 ft
612825150251
39124 0051000 Green, Dark Reel
1,000 ft 612825150268
39124 0055000 Green, Dark Reel
5,000 ft 612825150275
39124 003100
Orange
Reel
100 ft
612825150190
39124 0035000 Orange
Reel
5,000 ft 612825150213
39124 002100
Red
Reel
100 ft
612825150169
39124 0021000 Red
Reel
1,000 ft 612825150176
39124 0025000 Red
Reel
5,000 ft 612825150183
39124 007100
Violet
Reel
100 ft
612825150282
39124 0071000 Violet
Reel
1,000 ft 612825150299
39124 0075000 Violet
Reel
5,000 ft 612825150305
39124 009100
White
Reel
100 ft
612825150343
39124 0091000 White
Reel
1,000 ft 612825150350
39124 0095000 White
Reel
5,000 ft 612825150367
39124 004100
Yellow
Reel
100 ft
612825150220
39124 0045000 Yellow
Reel
5,000 ft 612825150244
Footnote:
C - CRATE REEL PUT-UP., Z - FINAL PUT-UP MAY VARY (= OR -) 10% FOR SPOOLS OR REELS AND (+ OR -) 5% FOR UNREEL CARTONS FROM
LENGTH SHOWN.
Product Notes
Notes:
Halogen-free.
History
Update and Revision:
Revision Number: 0.411 Revision Date: 05-05-2023



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com