Electronic Components Datasheet Search
  English  ▼

X  

83023 Datasheet(PDF) 1 Page - Belden Inc.

Part # 83023
Description  Lead Wire, #24 Str SPC, TFE Ins, AWM 1180
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83023 Datasheet(HTML) 1 Page - Belden Inc.

  83023 Datasheet HTML 1Page - Belden Inc. 83023 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 83023
Lead Wire, #24 Str SPC, TFE Ins, AWM 1180
Product Description
High Temp Plastic Lead Wire, 24AWG (19x36) Silver Plated Copper, TFE Insulation, AWM 1180 300V 200C TYPE EE MIL-W-16878/5 1000V 200C
Technical Specifications
Product Overview
Suitable Applications:
high temperature, inter-connection circuits, internal wiring of computer and electronic equipments, (Type EE) MIL-W-16878/5 applications
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 1
24 AWG 19x36
SC - Silvered Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
PTFE - Polytetrafluoroethylene 0.015 in (0.38 mm) 0.054 in (1.4 mm)
Overall Cable Diameter (Nominal): 0.054 in (1.4 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
24 Ohm/1000ft
Mil-Std-975M Table 3.16 (single wire): 3.3 A
Voltage
UL Voltage Rating
300 V RMS (UL AWM 1180), 1000 V RMS (Mil-W-16878/5)
Mechanical Characteristics
Temperature
UL Temperature
Operating
200°C
-70°C To +200°C
Bend Radius
Stationary Min. Installation Min.
0.54 in (14 mm)
0.54 in (14 mm)
Max. Pull Tension:
8 lbs (3.6 kg)
Bulk Cable Weight:
3 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor, Outdoor
Sustainability:
CA Prop 65
Flammability / Reaction to Fire:
VW-1
AWM Compliance:
AWM 1180


Similar Part No. - 83023

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83023AMILF;83023AIL;SOIC IDT-83023AMILF;83023AIL;SOIC Datasheet
129Kb / 13P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
83023AMILFT;83023AIL;SOIC IDT-83023AMILFT;83023AIL;SOIC Datasheet
129Kb / 13P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
83023I IDT-83023I Datasheet
129Kb / 13P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
logo
Renesas Technology Corp
83023I RENESAS-83023I Datasheet
323Kb / 14P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
December 14, 2015
More results

Similar Description - 83023

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83000 BELDEN-83000 Datasheet
142Kb / 2P
Lead Wire, #30 Str SPC, TFE Ins, AWM 1213
01-20-2023
83001 BELDEN-83001 Datasheet
143Kb / 2P
Lead Wire, #28 Str SPC, TFE Ins, AWM 1213
01-20-2023
83002 BELDEN-83002 Datasheet
143Kb / 2P
Lead Wire, #26 Str SPC, TFE Ins, AWM 1213
01-20-2023
83003 BELDEN-83003 Datasheet
143Kb / 2P
Lead Wire, #24 Str SPC, TFE Ins, AWM 1213
01-20-2023
83004 BELDEN-83004 Datasheet
143Kb / 2P
Lead Wire, #24 Str SPC, TFE Ins, AWM 1213
01-20-2023
83005 BELDEN-83005 Datasheet
143Kb / 2P
Lead Wire, #22 Str SPC, TFE Ins, AWM 1213
01-20-2023
83007 BELDEN-83007 Datasheet
143Kb / 2P
Lead Wire, #20 Str SPC, TFE Ins, AWM 1213
01-20-2023
83008 BELDEN-83008 Datasheet
141Kb / 2P
Lead Wire, #20 Str SPC, TFE Ins, AWM 1213
01-20-2023
83010 BELDEN-83010 Datasheet
144Kb / 2P
Lead Wire, #16 Str SPC, TFE Ins, AWM 1371
01-20-2023
83348E BELDEN-83348E Datasheet
164Kb / 2P
Electronic, 4 C #24 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com