Electronic Components Datasheet Search
  English  ▼

X  

7150 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 7150
Description  LDO high voltage regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

7150 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  7150 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 7150 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 7150 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 7150 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. 7150 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. 7150 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. 7150 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. 7150 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. 7150 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
7133
(T
OPT=
25℃)
Symbol
Parameter
Test conditions
Min
Max
Company
Typical
value
VOUT
Output voltage
VIN=5.5V,IOUT=10mA
3.201
3.3
3.399
V
I
OUT
Output current
V
IN=
5.5V
60
100
-
mA
△V
OUT
Load regulation
VIN=5.5V,1mA
≤I
OUT
≤30mA
-
100
150
mV
VDIF
Voltage sag
IOUT=1mA
-
100
-
mV
ISS
Quiescent current
Vin = 5.5V, no load
-
2
3
µA
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
Line Regulation
4.5V
≤V
IN
≤30V,I
OUT=
1mA
-
0.2
-
%/V
VIN
Input voltage
-
-
-
30
V
ΔV
OUT
/
ΔTa
Temperature
coefficient
V
IN=
5.5V,I
OUT=
10mA,
0℃
≤Ta≤70℃
-
±0.5
-
mV/℃
7136
(T
OPT=
25℃)
VIN=5.6V,IOUT=10mA
3.492
3.6
3.708
V
V
IN=
5.6V
60
100
-
mA
VIN=5.6V,1mA
≤I
OUT
≤30mA
-
100
150
mV
IOUT=1mA
-
100
-
mV
Vin = 5.6v, no load
-
2
3
µA
4.6V
≤V
IN
≤30V,I
OUT=
1mA
-
0.2
-
%/V
-
-
-
30
V
V
IN=
5.6V,I
OUT=
10mA,
0℃
≤Ta≤70℃
-
±0.6
-
mV/℃
7144
(T
OPT=
25℃)
V
IN
=6.4V,I
OUT
=10mA
4.268
4.4
4.532
V
V
IN
=6.4V
60
100
-
mA
V
IN
=6.4V,1mA≤I
OUT
≤30mA
-
100
150
mV
I
OUT
=1mA
-
100
-
mV
Vin = 6.4v, no load
-
2
3
µA
5.4V≤V
IN
≤30V,I
OUT
=1mA
-
0.2
-
%/V
-
-
-
30
V
V
IN
=6.4V,I
OUT
=10mA,
0℃≤Ta≤70℃
-
+0.7
-
mV/℃
LDO high voltage regulator
UMW
R
UMW 71XX
Symbol
Parameter
Test conditions
Min
Max
Company
Typical
value
VOUT
I
OUT
△V
OUT
VDIF
ISS
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
VIN
ΔV
OUT
/
Δ
VOUT
I
OUT
△V
OUT
VDIF
ISS
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
VIN
VOUT /
VOUT
Output voltage
I
OUT
Output current
△V
OUT
Load regulation
VDIF
Voltage sag
ISS
Quiescent current
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
Line Regulation
VIN
Input voltage
ΔV
OUT
/
ΔTa
Temperature
coefficient
VOUT
I
OUT
△V
OUT
VDIF
ISS
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
VIN
OUT
/
VOUT
I
OUT
△V
OUT
VDIF
ISS
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
VIN
OUT
VOUT
Output voltage
I
OUT
Output current
△V
OUT
Load regulation
VDIF
Voltage sag
ISS
Quiescent current
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
Line Regulation
VIN
Input voltage
ΔV
OUT
/
ΔTa
Temperature
coefficient
VOUT
I
OUT
△V
OUT
VDIF
ISS
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
VIN
OUT
/
VOUT
I
OUT
△V
OUT
VDIF
ISS
ΔV
OUT
/(
ΔV
IN
*V
OUT
)
VIN
OUT
Symbol
Parameter
Test conditions
Min
Max
Company
Typical
value
www.umw-ic.com
3
友台半导 体有限公司



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com