Electronic Components Datasheet Search
  English  ▼

X  

R1M Datasheet(PDF) 1 Page - Recom International Power

Part # R1M
Description  1 Watt SMD Single & Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1M Datasheet(HTML) 1 Page - Recom International Power

  R1M Datasheet HTML 1Page - Recom International Power R1M Datasheet HTML 2Page - Recom International Power R1M Datasheet HTML 3Page - Recom International Power R1M Datasheet HTML 4Page - Recom International Power R1M Datasheet HTML 5Page - Recom International Power R1M Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.recom-power.com
REV.: 0/2023
ECO-1
DC/DC Converter
1 Watt
SMD
Single & Dual
Output
Description
The R1M is an isolated 1W DC/DC converter in a compact SMD package available with 4:1
inputs covering 5, 12, 24, and 48V rails providing single or dual regulated, short-circuit
protected outputs. There is no minimum load requirement. Isolation is 1.6kVDC/1min, and the
operating temperature is from -40°C up to +90°C without derating. Class A and Class
B EMC conformity requires only a few external components. Standard packaging is tube.
Features
Regulated
Converters
• 1W power in SMD package
• 4:1 Input voltage range
• Efficiency up to 81%
• 1.6kVDC/1min isolation
• Regulated output
• -40°C to +90°C at full load
• Continuous short circuit protected
R1M
Selection Guide
Model Numbering
YEAR
arrant
3
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS 2+
compliant
10 from 10
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
Case Style
Single/Dual
nom. Input Voltage
nom. Output Voltage
R1M-
/SMD
Part
Input
nom. Output
Output
Efficiency
max. Capacitive
Number
Voltage Range (1)
Voltage
Current
typ. (2)
Load (3)
[VDC]
[VDC]
[mA]
[%]
[µF]
R1M-xx3.3S/SMD
4.5-18, 9-36, 18-75
3.3
300
75-77
1680
R1M-xx05S/SMD
4.5-18, 9-36, 18-75
5
200
78-79
820
R1M-xx09S/SMD
4.5-18, 9-36, 18-75
9
112
79
630
R1M-xx12S/SMD
4.5-18, 9-36, 18-75
12
90
81
470
R1M-xx15S/SMD
4.5-18, 9-36, 18-75
15
70
81
330
R1M-xx24S/SMD
4.5-18, 9-36, 18-75
24
45
80
160
R1M-xx05D/SMD
4.5-18, 9-36, 18-75
±5
±100
77
±470
R1M-xx12D/SMD
4.5-18, 9-36, 18-75
±12
±45
80
±330
R1M-xx15D/SMD
4.5-18, 9-36, 18-75
±15
±35
81
±220
Notes:
Note1: Refer to
“Input Voltage Range”
Note2: Efficiency is tested at nominal input and full load at +25°C ambient
Note3: Max Cap Load is tested at nominal input and full resistive load
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. VIN= 12VDC
4.5VDC
12VDC
18VDC
nom. VIN= 24VDC
9VDC
24VDC
36VDC
nom. VIN= 48VDC
18VDC
48VDC
75VDC
Input Surge Voltage
1 second max.
nom. VIN= 12VDC
25VDC
nom. VIN= 24VDC
50VDC
nom. VIN= 48VDC
100VDC
continued on next page


Similar Part No. - R1M

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
R1M JINGHENG-R1M Datasheet
65Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
R1M DYELEC-R1M Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
SAMYANG ELECTRONICS CO....
R1M SAMYANG-R1M Datasheet
1Mb / 2P
PLASTIC SILICON RECTIFIER
logo
M-System Co.,Ltd.
R1M-A1 MSYSTEM-R1M-A1 Datasheet
337Kb / 10P
Remote I/O R1M Series
R1M-A1C1-M2 MSYSTEM-R1M-A1C1-M2 Datasheet
237Kb / 6P
PC Recorders R1M Series PC RECORDER
More results

Similar Description - R1M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
RSS-1.81.8 RECOM-RSS-1.81.8_06 Datasheet
126Kb / 4P
1 Watt SMD Single & Dual Output
RSS RECOM-RSS_10 Datasheet
249Kb / 6P
1 Watt SMD Single & Dual Output
R1S RECOM-R1S Datasheet
119Kb / 4P
1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-2405HP ETC2-R1S-2405HP Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
logo
Recom International Pow...
R1S-0515 RECOM-R1S-0515 Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
R1D-1212 RECOM-R1D-1212 Datasheet
157Kb / 5P
1 Watt SMD Single Dual Output
R1S-2424 RECOM-R1S-2424 Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
1 Watt SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com