Electronic Components Datasheet Search
  English  ▼

X  

DS7834 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7834
Description  Quad TRI-STATE Bus Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7834 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS7834 Datasheet HTML 1Page - National Semiconductor (TI) DS7834 Datasheet HTML 2Page - National Semiconductor (TI) DS7834 Datasheet HTML 3Page - National Semiconductor (TI) DS7834 Datasheet HTML 4Page - National Semiconductor (TI) DS7834 Datasheet HTML 5Page - National Semiconductor (TI) DS7834 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
70V
Input Voltage
55V
Output Voltage
55V
Maximum Power Dissipation at 25 C
Cavity Package
1509 mW
Molded Package
1476 mW
Derate cavity package 101 mW C above 25 C derate molded package
118 mW C above 25 C
Storage Temperature
b
65 Cto a150 C
Lead Temperature (Soldering 4 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DS7834
45
55
V
DS8834
475
525
V
Temperature (TA)
DS7834
b
55
a
125
C
DS8834
0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DISABLEDRIVER INPUT
VIH
High Level Input Voltage
VCC e Min
20
V
VIL
Low Level Input Voltage
VCC e Min
08
V
IIH
High Level Input Current
VCC e Max
VIN e 24V
40
m
A
VIN e 55V
10
mA
IIL
Low Level Input Current
VCC e Max VIN e 04V
b
10
b
16
mA
IIND
Driver Diasbled Input
Driver Disable Input e 20V VIN e 04V
b
40
m
A
Low Current
VCL
Input Clamp Diode
VCC e 50V IIN eb12 mA TA e 25 C
b
08
b
15
V
RECEIVER INPUTBUS OUTPUT
VTH
High Level Threshold Voltage
VCC e Max
DS7834
14
175
21
V
DS8834
15
175
20
V
VTL
Low Level Threshold Voltage
VCC e Min
DS7834
08
135
16
V
DS8834
08
135
15
V
IBH
Bus Current Output
VBUS e 40V
VCC e Max Disable Input e 20V
25
80
m
A
Disabled or High
VCC e 0V
50
80
m
A
VCC e Max VSUS e 04V Disable Input e 20V
b
40
m
A
VOH
Logic ‘‘1’’ Output Voltage
VCC e Min
IOUT eb52 mA
DS7834
24
275
V
IOUT eb104 mA
DS7834
24
275
V
VOL
Logic ‘‘0’’ Output Voltage
VCC e Min
IOUT e 50 mA
028
05
V
IOUT e 32 mA
04
V
IOS
Output Short Circuit Current
VCC e Max (Note 4)
b
40
b
62
b
120
mA
RECEIVER OUTPUT
VOH
Logic ‘‘1’’ Output Voltage
VCC e Min
IOUT eb20 mA
DS7834
24
30
V
IOUT eb52 mA
DS8834
24
29
V
VOL
Logic ‘‘0’’ Output Voltage
VCC e Min IOUT e 16 mA
022
04
V
IOS
Output Short Circuit Current
VCC e Max (Note 4)
DS7834
b
28
b
40
b
70
mA
DS8834
b
30
b
70
mA
ICC
Supply Current
VCC e Max
75
95
mA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS7834 and across the 0 Cto a70 C range for
the DS8834 All typicals are given for VCC e 50V and TA e 25 C
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
Only one output at a time should be shorted
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com