Electronic Components Datasheet Search
  English  ▼

X  

11TL2 Datasheet(PDF) 3 Page - ITT Industries

Part # 11TL2
Description  Door Interlock Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

11TL2 Datasheet(HTML) 3 Page - ITT Industries

  11TL2 Datasheet HTML 1Page - ITT Industries 11TL2 Datasheet HTML 2Page - ITT Industries 11TL2 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
K
K–52
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K TL Series
Door Interlock Switches
MODEL
PLUNGERS
TERMINATIONS
4
STAINLESS STEEL, TAPPED 4-40 x .375 (9,52) min. depth
2
STAINLESS STEEL, NOT TAPPED
4A
.250" QUICK CONNECT
40
.187" QUICK CONNECT
23TL
WITH TWO SWITCHES
60
SCREW TERMINALS
23TL602
SPDT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com