Electronic Components Datasheet Search
  English  ▼

X  

08500113 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 08500113
Description  CRIMP TERMINAL 22-30 GA WIRE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

08500113 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  08500113 Datasheet HTML 1Page - Molex Electronics Ltd. 08500113 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEE NOTE 2
NOTES:
1. MATERIAL:
(0.20)/.008 THICK BRASS
2. FINISH:
122 - OVERALL TIN: (0.00381)/.000150 MIN. TIN OVER
(0.00076)/.000030 MIN NICKEL
154 - OVERALL TIN: (0.00254)/.000100 MIN. TIN OVER
(0.00127)/.000050 MIN NICKEL
P909 - OVERALL HOT TIN DIP: (0.00254)/.000100 MIN.
550 - SELECT GOLD: (0.00038)/.000015 MIN.
OVERALL GOLD FLASH: (0.00005)/.000002 MIN.
OVERALL NICKEL UNDERPLATE: (0.00076)/.000030 MIN.
555- SELECT GOLD (0.00038)/.000015 MIN.
OVERALL NICKEL UNDERPLATE: (0.00076)/.000030
558 - SELECT GOLD: (0.00076)/.000030 MIN.
OVERALL GOLD FLASH: (0.00005)/.000002 MIN.
OVERALL NICKEL UNDERPLATE: (0.00127)/.000050 MIN.
3. PRODUCT SPEC: PS-10-07
4. PACKAGING SPECIFICATION: LOOSE TERMINALS: PER PK-2759-001
CHAIN FORM TERMINALS: PER PK-2759-002
5. CRIMP IS FOR 22-30 GA WIRE WITH (1.57)/.062 DIA INSULATION MAX.
6. INSERTION FORCE OF TERMINAL INTO (2.54)/.100 CENTERLINE CONNECTOR IS 2.5 LBS. MAX
7. TERMINAL RETENTION IN HOUSING IS 26.7N / 6LBS MIN. WHEN PULLED AT THE RATE OF
(25.4MM) / 1 INCH PER MINUTE.
8. DIMENSIONS GIVEN ACROSS CENTERLINES ARE SYMMETRICAL ABOUT THOSE CENTERLINES
WITHIN HALF THE TOTAL TOLERANCE.
9. THIS PART CONFORMS TO CLASS B REQUIREMENTS OF COSMETIC SPECIFICATION PS-45499-002.
7
1
1 9
CHAIN, PER WINDING DETAIL "A"
CHAIN, PER WINDING DETAIL "B"
1.98
1.85
.078
.073
FORMAT: Eng-lega-master-tb-prod-D
REVISION: E
DATE: 2020/01/14
DOCUMENT STATUS
P1
RELEASE DATE
2022/02/28
11:53:39
CRIMP TERMINAL
22-30 GA WIRE
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
SD-2759
PSD 001
AW3
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
1 OF 2
CURRENT REV DESC: OBSOLETED PART NUMBER
AS PER PCN#509451
EC NO: 686785
DRWN: SUGEEB
2021/08/31
CHK'D:
GGA
2022/02/28
APPR:
GGA
2022/02/28
INITIAL REVISION:
DRWN: SAMIEC
1987/07/28
APPR:
FSMITH
2012/03/20
THIRD ANGLE PROJECTION
DRAWING
SERIES
D-SIZE
2759
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
DIMENSION UNITS
SCALE
MM/IN
1:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
MM
INCH
4 PLACES ±
±
3 PLACES ±
±
0.01
2 PLACES ±
0.25
±
0.014
1 PLACE
±
0.36
±
0 PLACES ±
±
ANGULAR TOL
±
0.5 °
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
J
9
J
10
K
10
K
11
L
11
L
12
M
12
M
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20


Similar Part No. - 08500113

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08500110 MOLEX-08500110 Datasheet
82Kb / 5P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 24-18 AWG
Jun 10, 2025
08500111 MOLEX-08500111 Datasheet
64Kb / 5P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG
Jun 05, 2025
08500115 MOLEX-08500115 Datasheet
82Kb / 5P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 24-18 AWG
Jun 10, 2025
08500116 MOLEX11-08500116 Datasheet
103Kb / 2P
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
08500116 MOLEX-08500116 Datasheet
82Kb / 5P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 24-18 AWG
Jun 10, 2025
More results

Similar Description - 08500113

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08-55-0101 MOLEX11-08-55-0101 Datasheet
174Kb / 2P
CRIMP TERMINAL 22-30 GA WIRE
08-50-0105 MOLEX11-08-50-0105 Datasheet
225Kb / 2P
CRIMP TERMINAL .156 CENTERS 18 TO 24 GA WIRE
08-50-0107 MOLEX11-08-50-0107 Datasheet
184Kb / 2P
CRIMP TERMINAL (3.96)/.156 CENTERS 22 TO 26 GA WIRE
08-52-0101 MOLEX11-08-52-0101 Datasheet
169Kb / 2P
KK (2.54)/.100 CRIMP TERMINAL. 22-30 GA WIRE SAME AS 2759 EXCEPT MATL
02-06-1131 MOLEX2-02-06-1131 Datasheet
106Kb / 1P
CRIMP TERMINAL, FEMALE (1.57)/.062 DIA., BRASS FOR 24 THRU 30 GA. WIRE
63900-4800 MOLEX11-63900-4800 Datasheet
50Kb / 1P
FineAdjust Applicator for Crimp Terminal, 22-30 AWG Wire
63901-4600 MOLEX11-63901-4600 Datasheet
50Kb / 1P
FineAdjust Applicator for Crimp Terminal, Male, 22 AWG Wire
0008500113-02-A1-D MOLEX11-0008500113-02-A1-D Datasheet
164Kb / 2P
CRIMP TERMINAL, 22-30 GA WIRE
0008500113-12-W6 MOLEX11-0008500113-12-W6 Datasheet
164Kb / 2P
CRIMP TERMINAL 22-30 GA WIRE
0639014600 MOLEX-0639014600 Datasheet
34Kb / 2P
FineAdjust Applicator for Crimp Terminal, Male, 22 AWG Wire
08/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com