Electronic Components Datasheet Search
  English  ▼

X  

2SC2240 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SC2240
Description  T0-92 Plastic-Encapsulate Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2240 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SC2240 Datasheet HTML 1Page - Nanjing International Group Co 2SC2240 Datasheet HTML 2Page - Nanjing International Group Co 2SC2240 Datasheet HTML 3Page - Nanjing International Group Co 2SC2240 Datasheet HTML 4Page - Nanjing International Group Co 2SC2240 Datasheet HTML 5Page - Nanjing International Group Co 2SC2240 Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC2240
Low Noise Audio Amplifier Applications
The 2SC2240 is a transistor for low frequency and low noise
applications. This device is designed to lower noise figure in the region of
low signal source impedance, and to lower the pulse noise. This is
recommended for the first stages of Equalizer amplifiers.
• Low noise: NF = 4dB (typ.) RG = 100 Ω, VCE = 6 V, IC = 100 μA,
f = 1 kHz
: NF = 0.5dB (typ.) RG = 1 kΩ, VCE = 6 V, IC = 100 μA,
f = 1 kHz
• Low pulse noise: Low 1/f noise
• High DC current gain: hFE = 200~700
• High breakdown voltage: VCEO = 120 V
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
Collector current
IC
100
mA
Base current
IB
20
mA
Collector power dissipation
PC
300
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/6


Similar Part No. - 2SC2240

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2240 TOSHIBA-2SC2240 Datasheet
226Kb / 3P
TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SC2240 TOSHIBA-2SC2240 Datasheet
691Kb / 5P
Silicon NPN Epitaxial Type (PCT process)
2SC2240 TOSHIBA-2SC2240 Datasheet
314Kb / 5P
Low Noise Audio Amplifier Applications
logo
Foshan Blue Rocket Elec...
2SC2240 FOSHAN-2SC2240 Datasheet
752Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Toshiba Semiconductor
2SC2240-GR TOSHIBA-2SC2240-GR Datasheet
314Kb / 5P
Low Noise Audio Amplifier Applications
More results

Similar Description - 2SC2240

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2N2907A DGNJDZ-2N2907A Datasheet
870Kb / 5P
T0-92 Plastic-Encapsulate Transistors
2N3906 DGNJDZ-2N3906 Datasheet
1Mb / 5P
T0-92 Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
D4515 ETC-D4515 Datasheet
580Kb / 3P
T0-3PN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com