Electronic Components Datasheet Search
  English  ▼

X  

2SC2383L Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SC2383L
Description  TO-92L Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2383L Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SC2383L Datasheet HTML 1Page - Nanjing International Group Co 2SC2383L Datasheet HTML 2Page - Nanjing International Group Co 2SC2383L Datasheet HTML 3Page - Nanjing International Group Co 2SC2383L Datasheet HTML 4Page - Nanjing International Group Co 2SC2383L Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC2383
TRANSISTOR (NPN)
FEATURE
High Voltage: VCEO=160V
Large Continuous Collector Current Capability
Complementary to 2SA1013
MAXIMUM RATINGS (Ta=25
unless otherwise noted
℃
)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
160
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
1
A
PC
Collector Power Dissipation
0.75
W
Operation Junction and Storage Temperature Range
℃
TJ,Tstg
-55 to +150
TO-92L
1.
EMITTER
2.
COLLECTOR
3.
BASE
0$5.,1*
Equivalent Circuit
;;;
C2383 'HYLFHFRGH
;;; &RGH
ORDERING INFORMATION
Part Number
Package
Packing Method
Pack Quantity
TO-92L
Bulk
TO-92L
Tape
2SC2383
2SC2383-TA
C
C2383
500pcs/Bag
2000pcs/Box
TO-92L Plastic-Encapsulate Transistors
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
1/5
www.dgnjdz.com


Similar Part No. - 2SC2383L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2383L-T92-B UTC-2SC2383L-T92-B Datasheet
70Kb / 3P
COLOR TV AUDIO OUTPUT & COLOR TV VERTICAL OUTPUT
2SC2383L-T92-B UTC-2SC2383L-T92-B Datasheet
65Kb / 3P
COLOR TV AUDIO OUTPUT COLOR TV VERTICAL OUTPUT
More results

Similar Description - 2SC2383L

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2500 JIANGSU-2SC2500 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
TO-92L Plastic-Encapsulate Transistors
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTD863 JIANGSU-KTD863 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA684L DGNJDZ-2SA684L Datasheet
1Mb / 5P
TO-92L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com