Electronic Components Datasheet Search
  English  ▼

X  

2SC4672 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SC4672
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC4672 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SC4672 Datasheet HTML 1Page - Nanjing International Group Co 2SC4672 Datasheet HTML 2Page - Nanjing International Group Co 2SC4672 Datasheet HTML 3Page - Nanjing International Group Co 2SC4672 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
900
mW
3
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
2SC4672
TRANSISTOR (NPN)
FEATURES
Low Saturation Voltage
Excellent hFE Characteristics
Complements the 2SA1797
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50µA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50µA,IC=0
6
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
µA
DC current gain
hFE
VCE=2V, IC=500mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=1A,IB=50mA
0.35
V
Transition frequency
fT
VCE=2V,IC=0.5A, f=100MHz
210
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
25
pF
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
A
PC
Collector Power Dissipation
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Operation Junction and Storage Temperature Range
℃
TJ,Tstg
-55~+150
SOT-89-3L Plastic-Encapsulate Transistors
DKP
DKQ
DKR
CLASSIFICATION of hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
DKP
DKQ
DKR
MARKING
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/4


Similar Part No. - 2SC4672

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
logo
Guangdong Kexin Industr...
2SC4672 KEXIN-2SC4672 Datasheet
51Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672 Datasheet
265Kb / 2P
NPN Silicon Epitaxial Silicon Tra nsistor
logo
Weitron Technology
2SC4672 WEITRON-2SC4672 Datasheet
265Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SC4672

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC4375 DGNJDZ-2SC4375 Datasheet
228Kb / 1P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC4350 DGNJDZ-STC4350 Datasheet
1Mb / 6P
SOT-89-3L Plastic-Encapsulate Transistors
NJ13001 DGNJDZ-NJ13001 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SB1386 DGNJDZ-2SB1386_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
2SD965 DGNJDZ-2SD965_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
D882 DGNJDZ-D882_V01 Datasheet
541Kb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
PXT2222A DGNJDZ-PXT2222A_V01 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com