Electronic Components Datasheet Search
  English  ▼

X  

2SC945 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SC945
Description  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC945 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SC945 Datasheet HTML 1Page - Nanjing International Group Co 2SC945 Datasheet HTML 2Page - Nanjing International Group Co 2SC945 Datasheet HTML 3Page - Nanjing International Group Co 2SC945 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Complementary to
TO-92
Plastic-Encapsulate Transistors
TRANSISTOR (NPN )
FEATURE
Excellent hFE linearity
Low noise
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
400
mW
TJ
Junction Temperature
Tstg
Storage Temperature
-55-
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1mA , IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=100 A , IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100 A, IC=0
5
V
Collector cut-off current
ICBO
VCB=60V, IE=0
0.1
Collector cut-off current
ICEO
VCE=45V
0.1
Emitter cut-off current
IEBO
VEB=5V ,IC=0
0.1
hFE(1)
VCE=6V , IC=1mA
70
700
DC current gain
hFE(2)
VCE=6V , IC=0.1mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=10mA
1
V
Transition frequency
fT
VCE=6V,IC=10mA,f=30MHz
200
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
3.0
pF
Noise figure
NF
VCE
=6V,IC=0.1mA
RG
=10k ,f=1MHz
10
dB
CLASSIFICATION OF hFE(1)
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
TO-92
1.EMITTER
2.COLLECTOR
3. BASE
A
A
A
, IB=0
DONGGUAN NANJING ELECTRONICS LTD.,
150
150
2SA733
2SC945
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/4
0$5.,1*
;;; &RGH
Z
Z=Rank of hFE
'HYLFHFRGH
1
;;;
C945
C945


Similar Part No. - 2SC945

ManufacturerPart #DatasheetDescription
logo
NEC
2SC945 NEC-2SC945 Datasheet
281Kb / 3P
NPN Silicon Transistor(AF amplifier and low speed switching)
logo
Micro Electronics
2SC945 MICRO-ELECTRONICS-2SC945 Datasheet
70Kb / 1P
NPN Silicon Planar Epitaxial Transistor
logo
Guangdong Kexin Industr...
2SC945 KEXIN-2SC945 Datasheet
151Kb / 2P
2SC945
logo
Dc Components
2SC945 DCCOM-2SC945 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
2SC945 UTC-2SC945 Datasheet
186Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
More results

Similar Description - 2SC945

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com