Electronic Components Datasheet Search
  English  ▼

X  

PUMH7 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUMH7
Description  Low VCEsat (BISS) transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMH7 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUMH7 Datasheet HTML 1Page - NXP Semiconductors PUMH7 Datasheet HTML 2Page - NXP Semiconductors PUMH7 Datasheet HTML 3Page - NXP Semiconductors PUMH7 Datasheet HTML 4Page - NXP Semiconductors PUMH7 Datasheet HTML 5Page - NXP Semiconductors PUMH7 Datasheet HTML 6Page - NXP Semiconductors PUMH7 Datasheet HTML 7Page - NXP Semiconductors PUMH7 Datasheet HTML 8Page - NXP Semiconductors PUMH7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Automotive small-signal
discretes solutions
Drive the future with our innovative portfolio


Similar Part No. - PUMH7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH7 PHILIPS-PUMH7 Datasheet
48Kb / 8P
NPN resistor-equipped double transistor
1999 Apr 22
PUMH7 NXP-PUMH7 Datasheet
137Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 02
logo
Nexperia B.V. All right...
PUMH7 NEXPERIA-PUMH7 Datasheet
344Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 02
PUMH7 NEXPERIA-PUMH7 Datasheet
136Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
PUMH7 NEXPERIA-PUMH7 Datasheet
297Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
More results

Similar Description - PUMH7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4230T PHILIPS-PBSS4230T Datasheet
47Kb / 7P
NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS302PD PHILIPS-PBSS302PD Datasheet
134Kb / 14P
40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
PBSS4120T PHILIPS-PBSS4120T_15 Datasheet
267Kb / 7P
NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4130T PHILIPS-PBSS4130T_15 Datasheet
55Kb / 7P
NPN low VCEsat (BISS) transistor
2003 Nov 27
PBSS4160T PHILIPS-PBSS4160T_15 Datasheet
370Kb / 10P
NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4230T PHILIPS-PBSS4230T_15 Datasheet
275Kb / 7P
NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
logo
Nexperia B.V. All right...
PBSS4330X NEXPERIA-PBSS4330X Datasheet
421Kb / 13P
NPN low VCEsat (BISS) transistor
2004 Dec 06
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com