Electronic Components Datasheet Search
  English  ▼

X  

AN1523 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1523
Description  11W FLYBACK CONVERTER FOR AUXILIARY POWER SUPPLY APPLICATION USING THE L6590
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1523 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1523 Datasheet HTML 10Page - STMicroelectronics AN1523 Datasheet HTML 11Page - STMicroelectronics AN1523 Datasheet HTML 12Page - STMicroelectronics AN1523 Datasheet HTML 13Page - STMicroelectronics AN1523 Datasheet HTML 14Page - STMicroelectronics AN1523 Datasheet HTML 15Page - STMicroelectronics AN1523 Datasheet HTML 16Page - STMicroelectronics AN1523 Datasheet HTML 17Page - STMicroelectronics AN1523 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AN1523 APPLICATION NOTE
14/24
Even at turn off in short circuit the SMPS functioning is good, protecting properly the circuit. No any abnormal
transition or level has been observed during the tests, confirming the design robustness proven so far.
Over Voltage Protection
A dangerous fault that could happen is the failure of the feedback circuitry. If this occurs, the SMPS output volt-
ages can get to very high values, depending on the load on each output and on the transformer coupling be-
tween the windings. Consequently, the rectifiers and the output capacitors are overstressed or damaged. A
possible solution could be to oversize the components but this should be expensive and uneconomic. Hence,
to avoid this SMPS failure a suitable protection circuit has been added inside the L6590 and it doesn’t require
any external component for the threshold setting.
Hence, this fail has been simulated opening the feedback
loop and the circuit has been tested, giving the results shown in figures 30 and 31:
Figure 28. TURN-OFF WITH +5V SHORTED
Figure 29. TURN-OFF WITH +5V SHORTED
Vin = 88 Vrms - 50 Hz @FULL LOAD
Vin = 265 Vrms - 50 Hz @STAND-BY
CH1:
VPIN1 – DRAIN VOLTAGE
CH1:
VPIN1 – DRAIN VOLTAGE
CH2:
VPIN3 - Vcc
CH2:
VPIN3 -Vcc
CH3:
+5Vout
CH3:
+5Vout
Figure 30. OPEN LOOP
Figure 31. OPEN LOOP
Vin = 88 Vrms - 50 Hz @FULL LOAD
Vin = 265 Vrms - 50 Hz @FULL LOAD
CH1:
VPIN1 – DRAIN VOLTAGE
CH1:
VPIN1 – DRAIN VOLTAGE
CH2:
VPIN3 - Vcc
CH2:
VPIN3 -Vcc
CH3:
+5Vout
CH3:
+5Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com