Electronic Components Datasheet Search
  English  ▼

X  

AP512 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AP512
Description  UMTS-band 8W HBT Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP512 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AP512 Datasheet HTML 1Page - WJ Communication. Inc. AP512 Datasheet HTML 2Page - WJ Communication. Inc. AP512 Datasheet HTML 3Page - WJ Communication. Inc. AP512 Datasheet HTML 4Page - WJ Communication. Inc. AP512 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 5 June 2006
AP512
UMTS-band 8W HBT Amplifier Module
Product Information
The Communications Edge
TM
Performance Graphs (AP512-PCB)
Gain vs. Output Power
Vcc=12V, Icq=1.7A, 25 °C
24
26
28
30
32
24
26
28
30
32
Output Power (dBm)
2110MHz
2140MHz
2170MHz
Gain vs. Output Power
Vcc=12V, Icq=1.7A, 2140 MHz
24
26
28
30
32
24
26
28
30
32
Output Power (dBm)
-40 °C
+25 °C
+85 °C
ACLR vs. Output Power
W-CDMA 3GPP Test Model 1+32,
Δf=±5 MHz, Vcc=12V, Icq=1.7A, 25 °C
-60
-55
-50
-45
-40
24
26
28
30
32
Average Output Power (dBm)
2110MHz
2140MHz
2170MHz
ACLR vs. Output Power
W-CDMA 3GPP Test Model 1+32,
Δf=±5 MHz, Vcc=12V, Icq=1.7A, 2140 MHz
-60
-55
-50
-45
-40
24
26
28
30
32
Average Output Power (dBm)
-40 °C
+25 °C
+85 °C
PAE vs. Output Power
Vcc=12V, Icq=1.7A, 25 °C
1
10
24
26
28
30
32
Output Power (dBm)
2110MHz
2140MHz
2170MHz
PAE vs. Output Power
W-CDMA 3GPP Test Model 1+32, 2140 MHz, Vcc=12V, Icq=1.7A
1
10
24
26
28
30
32
Output Power (dBm)
-40 °C
+25 °C
+85 °C
Icc vs. Output Power
Vcc=12V, 2140 MHz
1.5
1.6
1.7
1.8
1.9
2.0
24
26
28
30
32
Output Power (dBm)
-40 °C
+25 °C
+85 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com