Electronic Components Datasheet Search
  English  ▼

X  

HA1631S02LP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA1631S02LP
Description  Single CMOS Comparator (Push Pull/Open Drain Output)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1631S02LP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA1631S02LP Datasheet HTML 9Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 10Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 11Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 12Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 13Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 14Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 15Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 16Page - Renesas Technology Corp HA1631S02LP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
HA1631S01/02/03/04 Series
Rev.1.00, 2003.08.08, page 13 of 22
0
1020304050
120
0
20
40
60
80
100
Ta = 25˚C
VDD = 2.0V
VSS = –1.0V
VIN+ = ±0.1Vp-p
Overdrive
Capacitor Load CL (pF)
Figure 2-15 HA1631S02
Falling Time vs. Capacitor Load
20
0
2
4
6
8
10
12
14
16
18
–50
–25
0
25
50
75
100
VDD = 1.8V
VDD = 5.5V
VDD = 3.0V
Figure 2-13 HA1631S02
Falling Time vs. Ambient Temperature
Ambient Temperature Ta (˚C)
–50
–25
0
25
50
75
100
20
0
2
4
6
8
10
12
14
16
18
VDD = 1.8V
VDD = 5.5V
VDD = 3.0V
Figure 2-14 HA1631S02
Rising Time vs. Ambient Temperature
Ambient Temperature Ta (˚C)
0
1020304050
120
0
20
40
60
80
100
Ta = 25˚C
VDD = 2.0V
VSS = –1.0V
VIN+ = ±0.1Vp-p
Overdrive
Capacitor Load CL (pF)
Figure 2-16 HA1631S02
Rising Time vs. Capacitor Load
1.0E+01
1.0E+03
1.0E+05
3.0
0.0
0.5
1.0
1.5
2.0
2.5
Ta = 25˚C
VDD = 3.0V
Resistor Load RL (Ω)
Figure 2-17 HA1631S02
Output Low Voltage vs. Resistor Load
1.0E+01
1.0E+03
1.0E+05
3.0
0.0
0.5
1.0
1.5
2.0
2.5
Ta = 25˚C
VDD = 3.0V
Resistor Load RL (Ω)
Figure 2-18 HA1631S02
Output High Voltage vs. Resistor Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com