Electronic Components Datasheet Search
  English  ▼

X  

PTS125 Datasheet(PDF) 2 Page - ITT Industries

Part # PTS125
Description  12 mm Tact Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PTS125 Datasheet(HTML) 2 Page - ITT Industries

  PTS125 Datasheet HTML 1Page - ITT Industries PTS125 Datasheet HTML 2Page - ITT Industries PTS125 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.ittcannon.com
B–60
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
7,3 (.287)
ø3,0
(.118)
ø3,8
(.150)
S THRU-HOLE
PTS125 Series
12 mm Tact Switches
1,0 TYP.
(.039)
3,5
(.138)
5,0
(.197)
13,8
(.543)
12,5
(.492)
PCB LAYOUT
SERIES
TERMINATION
3,10 TYP.
(.122)
0,75 TYP.
(.030)
2,2 TYP.
(.087)
3,20
(.126)
7,0
(.275)
1,78 TYP.
(.070)
10,5
(.413)
0,75 TYP.
(.030)
5,0
(.197)
1,7 TYP.
(.067)
1,0 x 0,3 TYP.
(.039 x .012)
PCB LAYOUT
V VERTICAL
1,0 TYP.
(.039)
3,5
(.138)
DIM 'H'
3,5
(.138)
12,0 SQ.
(.472)
5,0
(.197)
ø3,0
(.118)
ø3,8
(.150)
3,10 TYP.
(.122)
0,75 TYP.
(.030)
6,2
(.244)
14,90
(.587)
2,2 TYP.
(.087)
3,20
(.126)
7,0
(.275)
10,3
(.406)
3,0 SQ.
(.118)
1,78 TYP.
(.070)
3,8 SQ.
(.150)
7,50
(.295)
13,3
(.524)
10,5
(.413)
0,75 TYP.
(.030)
5,0
(.197)
3,0
(.118)
5,1 TYP.
(.201)
1,7 TYP.
(.067)
1,0 x 0,3 TYP.
(.039 x .012)
ACTUATOR SHAPE
DIM 'H'
ø7,0
(.276)
NONE ROUND
J SNAP-FIT CAP
DIM 'H'
ø4,0
(.158)
1,2
(.047)
ø7,0
(.276)
ø1,22 TYP.
(.048)
4,98
(.196)
ø3,51 TYP.
(.138)
3,20 TYP.
(.126)
11,53
(.454)
ø1,2 TYP.
(.047)
12,5
(.492)
5,0
(.197)
43 and 85 heights only
12 height only
73 height only



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com