Electronic Components Datasheet Search
  English  ▼

X  

IRGMC50F Datasheet(PDF) 7 Page - International Rectifier

Part # IRGMC50F
Description  INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGMC50F Datasheet(HTML) 7 Page - International Rectifier

  IRGMC50F Datasheet HTML 1Page - International Rectifier IRGMC50F Datasheet HTML 2Page - International Rectifier IRGMC50F Datasheet HTML 3Page - International Rectifier IRGMC50F Datasheet HTML 4Page - International Rectifier IRGMC50F Datasheet HTML 5Page - International Rectifier IRGMC50F Datasheet HTML 6Page - International Rectifier IRGMC50F Datasheet HTML 7Page - International Rectifier IRGMC50F Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
IRGMC50F
480V
4 X IC@25°C
D.U.T.
50V
L
V *
C
Q
R
* Driver s am e ty pe as D .U .T .; Vc = 80% o f V ce (max )
* No te: D ue to th e 50V p ow er s up p ly, p ulse w idth a nd inductor
w ill inc rea se to o b ta in ra ted Id.
1000V
Fig. 12a - Clamped Inductive
Load Test Circuit
Fig. 12b - Pulsed Collector
Current Test Circuit
480µF
960V
0 - 480V
RL =
t=5µ s
d(on )
t
tf
tr
90%
td(o ff)
10%
90 %
10 %
5%
VC
IC
E on
E off
ts
o n
o ff
E
= ( E
+E
)
Q
R
S
Fig. 13b - Switching Loss
Waveforms
50V
Driv er*
1000V
D.U.T.
IC
C
V
Q
R
S
L
Fig. 13a - Switching Loss
Test Circuit
* Driver same type
as D.U.T., VC = 480V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com