Electronic Components Datasheet Search
  English  ▼

X  

DF04S Datasheet(PDF) 4 Page - International Rectifier

Part # DF04S
Description  1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

DF04S Datasheet(HTML) 4 Page - International Rectifier

  DF04S Datasheet HTML 1Page - International Rectifier DF04S Datasheet HTML 2Page - International Rectifier DF04S Datasheet HTML 3Page - International Rectifier DF04S Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DF SERIES
Bulletin U2788 rev. G 04/03
4
www.irf.com
Ordering Information Table
Device Code
1
2
3
DF
10
S
To specify tape reel option add ' TRR16' suffix. e.g. DF10STRR16
1
-
Basic Part Number
2
-
Voltage Code:
Code x 100 = V
RRM
3
-
Terminal Type: M
= hole mount
S
= surface mount
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 04/03
Data and specifications subject to change without notice.
This product has been designed and qualified for Multiple Level.
Qualification Standards can be found on IR's Web site.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com