Electronic Components Datasheet Search
  English  ▼

X  

ECG004 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # ECG004
Description  InGaP HBT Gain Block
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG004 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  ECG004 Datasheet HTML 1Page - WJ Communication. Inc. ECG004 Datasheet HTML 2Page - WJ Communication. Inc. ECG004 Datasheet HTML 3Page - WJ Communication. Inc. ECG004 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 4 April 2006
ECG004
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
Typical Device RF Performance
Supply Bias = +5 V, Rbias = 45.3 Ω, Icc = 35 mA
Frequency
MHz
100
500
900
1900
2140
2400
3500
5800
S21
dB
16.8
16.5
16.3
15.5
15.2
14.9
13.1
10.2
S11
dB
-18
-31
-28
-19
-18
-17
-12.6
-5
S22
dB
-16.7
-28
-21
-15
-14
-12.5
-9
-4
Output P1dB
dBm
+13.4
+13.5
+13.5
+12.9
+12.9
+12.8
+11.7
+5
Output IP3
dBm
+28
+28
+28
+27
+27
+27
+24
Noise Figure
dB
3.3
3.3
3.3
2.9
3.0
3.4
3.5
1. Test conditions: T = 25º C, Supply Voltage = +5 V, Device Voltage = +3.9 V, Rbias = 45.3
Ω, Icc = 35 mA typical, 50 Ω System.
2. 3OIP measured with two tones at an output power of -1 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit.
Gainvs. Frequency
8
10
12
14
16
18
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25C
-40C
+85C
S11, S22 vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
01
2
3
456
Frequency (GHz)
S11
S22
Vde vs. Icc
0
20
40
60
80
100
120
0.0
1.0
2.0
3.0
4.0
Vde (V)
+25C
OIP3 vs. Frequency
10
15
20
25
30
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25C
-40C
+85C
Noise Figure vs. Frequency
2
2.5
3
3.5
4
500
1000
1500
2000
Frequency (MHz)
P1dBvs. Frequency
8
10
12
14
16
500
1000
1500
2000
2500
3000
Frequency (MHz)
+25C
-40C
+85C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com