Electronic Components Datasheet Search
  English  ▼

X  

F2UOABC Datasheet(PDF) 2 Page - ITT Industries

Part # F2UOABC
Description  Pushbutton Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

F2UOABC Datasheet(HTML) 2 Page - ITT Industries

  F2UOABC Datasheet HTML 1Page - ITT Industries F2UOABC Datasheet HTML 2Page - ITT Industries F2UOABC Datasheet HTML 3Page - ITT Industries F2UOABC Datasheet HTML 4Page - ITT Industries F2UOABC Datasheet HTML 5Page - ITT Industries F2UOABC Datasheet HTML 6Page - ITT Industries F2UOABC Datasheet HTML 7Page - ITT Industries F2UOABC Datasheet HTML 8Page - ITT Industries F2UOABC Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A–90
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K F Series
Pushbutton Switches
Designation
SF F Series
ZF Central mounted F series
Terminal Style
(NONE) Solder lugs &
PC pins
LB Cut solder lugs
PB Cut PC pins, for other
configurations,
consult factory
Electrical Function
(NONE) BBM
Contact Material
(NONE) Silver, AG
P Gold
Dress nut*
*Central mounted F series only
(NONE) No dress nut
B
Black
C
Chrome
Mechanical Function
OA Momentary
EE Alternate (push-push)
GR Interlock
Contact Arrangement
2U 2PDT
4U 4PDT
6U 6PDT
8U BPDT
Style
F01 FMR
F02 FG*
F12 FSC
F13 FSD
F14 FU12
F15 FSB
F16 FE
F19 FA
F21 F001
Button Color
01 Black
02 White
03 Red
04 Light gray
*Minimum order quantities apply.
European Order Code - Switch Only
Order Code - Buttons
Solid Buttons
Mechanical Indicator Buttons
Style
F01 FA100
F02 FA101
F07 FA120
F08 FA2O1
F11 FA200*
Shell Color
01 Black
Out Position Color
01 Black
In Position Color
02 White
06 Yellow
07 Blue
08 Green
12 Orange
*Button options for central mounting configurations,
use ‘FG’ for central mount with chrome dress nut,
use ‘FA200’ for central mount with black dress nut.
BUTTON REMOVAL
A button of a push-push switch should only be
removed in the “OFF” non-latching position.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com