Electronic Components Datasheet Search
  English  ▼

X  

PA41 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA41
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA41 Datasheet(HTML) 1 Page - Cirrus Logic

  PA41 Datasheet HTML 1Page - Cirrus Logic PA41 Datasheet HTML 2Page - Cirrus Logic PA41 Datasheet HTML 3Page - Cirrus Logic PA41 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
FEATURES
• MONOLITHIC MOS TECHNOLOGY
• LOW COST
• HIGH VOLTAGE OPERATION—350V
• LOW QUIESCENT CURRENT—2mA
• NO SECOND BREAKDOWN
• HIGH OUTPUT CURRENT—120 mA PEAK
• AVAILABLE IN DIE FORM—PA41DIE
APPLICATIONS
• PIEZO ELECTRIC POSITIONING
• ELECTROSTATIC TRANSDUCER & DEFLECTION
• DEFORMABLE MIRROR FOCUSING
• BIOCHEMISTRY STIMULATORS
• COMPUTER TO VACUUM TUBE INTERFACE
DESCRIPTION
The PA41/42 are high voltage monolithic MOSFET opera-
tional amplifiers achieving performance features previously
found only in hybrid designs while increasing reliability. Inputs
are protected from excessive common mode and differential
mode voltages. The safe operating area (SOA) has no second
breakdown limitations and can be observed with all type loads
by choosing an appropriate current limiting resistor. External
compensation provides the user flexibility in choosing
optimum gain and bandwidth for the application.
The PA41 is packaged in a hermetically sealed TO-3 and all
circuitry is isolated from the case by an aluminum nitride (AlN)
substrate.
The PA42 is packaged in APEX’s hermetic ceramic SIP10
package.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATION
NOTE: PA41 Recommended mounting torque is 4-7 in•lbs
(.45 -.79 N•m)
CAUTION: The use of compressible, thermally conductive
insulators may void warranty.
LOW COST 660V p-p
PIEZO DRIVE
Two PA41/42 amplifiers operated as a bridge driver for a
piezo transducer provides a low cost 660 volt total drive capa-
bility. The R
N CN network serves to raise the apparent gain of A2
at high frequencies. If R
N is set equal to R the amplifiers can be
compensated identically and will have matching bandwidths.
EXTERNAL CONNECTIONS
TOP VIEW
1
2
3
4
5
6
7
8
OUT
ILIM
–VS
+VS
COMP
–IN
+IN
C , C
ARE NPO RATED
FOR FULL SUPPLY VOLTAGE.
=
3
COMP
CC
100
Ω
330pF
R C
R CL
R
CL
I LIM
S
C S
C
R S
PHASE
COMPENSATION
Gain
C
C
R
C
1
18pF
2.2K
Ω
≥10
10pF
2.2K
Ω
≥30
3.3pF
2.2K
Ω
PA41
PA42
RCL
CC
100
Ω
1
2
3
4
56
78
9
10
–IN
+IN
NC
–V
S
CC
ILIM
CS
CC
RC
OUT
NC
330pf
+V
S
TOP VIEW
RS
A1
PA41/42
A2
PA41/42
20R
PIEZO
TRANSDUCER
20R
Rn
20R
Cn
R
V IN
–175
+175
–175
+175
RCL
RCL
180
180
2.2K
10pF
10pF
330pF
330pF
100
Ω
100
Ω
2.2K
4
7
–IN
OUT
+V
S
–V
S
1
8
6
+IN
5
D2
D3
D4
D5
Q5
Q4
Q1
Q11
Q12
D1
Q2
Q6
Q8
Q13
Q14
Q10
Q9
Q7
Q3
I
LIM
2
COMP
3
COMP
(5)
(10)
(7)
(6)
(8)
(9)
(2)
(1)
5
(1)
PA41 PIN NUMBER
PA42 PIN NUMBER
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA41/PA42 • PA41A/PA42A


Similar Part No. - PA41

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA4101 PROTEC-PA4101 Datasheet
1Mb / 7P
PUNK with 關P Supervisor
logo
NIKO SEMICONDUCTOR CO.,...
PA410BD NIKOSEM-PA410BD Datasheet
307Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PA410BD UNIKC-PA410BD Datasheet
743Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA410BIS NIKOSEM-PA410BIS Datasheet
360Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PA410BIS UNIKC-PA410BIS Datasheet
703Kb / 8P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - PA41

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com