Electronic Components Datasheet Search
  English  ▼

X  

BGE67BO Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGE67BO
Description  Optical receiver module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGE67BO Datasheet(HTML) 2 Page - NXP Semiconductors

  BGE67BO Datasheet HTML 1Page - NXP Semiconductors BGE67BO Datasheet HTML 2Page - NXP Semiconductors BGE67BO Datasheet HTML 3Page - NXP Semiconductors BGE67BO Datasheet HTML 4Page - NXP Semiconductors BGE67BO Datasheet HTML 5Page - NXP Semiconductors BGE67BO Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1998 Aug 31
2
Philips Semiconductors
Preliminary specification
Optical receiver module
BGE67BO/SC
FEATURES
• Excellent linearity
• Extremely low noise
• Excellent flatness
• Standard CATV outline
• Rugged construction
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Reverse receiver amplifier in two-way CATV systems in
the 5 to 300 MHz frequency range.
DESCRIPTION
Hybrid high dynamic range optical amplifier module in a
SOT115P package operating at a voltage supply of
+24 V (DC). The module contains a monomode optical
input suitable for wavelengths from 1290 to 1 600 nm, a
terminal to monitor the pin diode current and an electrical
output with an impedance of 75
Ω. The optical fibre is
terminated by an SC/APC connector and partly reinforced
by a 3 mm diameter Kevlar buffer.
PINNING - SOT115P
PIN
DESCRIPTION
1
monitor current
2, 3, 7, 8
common
5+VB
9
output
Fig.1 Simplified outline.
handbook, halfpage
7
8
9
2
35
1
Side view
MBK068
QUICK REFERENCE DATA
HANDLING
Fibreglass optical coupling: maximum tensile strength = 5 N; minimum bending radius = 35 mm.
To prevent damage to the optical fibre, a clamp should be fixed at a distance of not less than 26 mm from the cap of the
module.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
f
frequency range
5
300
MHz
S22
output return losses
f = 5 to 300 MHz
15
−
dB
optical input return losses
45
−
dB
d2
second order distortion
−−70
dBc
F
equivalent noise input
f = 10 to 300 MHz
−
7pA/
√Hz
Itot
total current consumption (DC)
VB = 24 V
160
190
mA
CAUTION
The device is supplied in an antistatic package and must be protected against static discharge during transport or
handling.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com