Electronic Components Datasheet Search
  English  ▼

X  

UTG Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # UTG
Description  UTG - Metalok Bantam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

UTG Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  UTG Datasheet HTML 1Page - Eaton All Rights Reserved. UTG Datasheet HTML 2Page - Eaton All Rights Reserved. UTG Datasheet HTML 3Page - Eaton All Rights Reserved. UTG Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11
UTG - Metalok Bantam
Plastic connector
with metal coupling
system
Description
“UTG” Metalok Bantam plastic industrial
circular connectors with metal coupling are
a range of multiway connectors to provide
the complete answer to the need for
leightweight, robust circular connectors.
They are available in 8 shell sizes, 11 insert
arrangements all intermateable,
interchangeable and intermountable with
the Trim-Trio “UT0” and “UTP industrial
connector families.
Features and benefits
• Available in 8 shell sizes and 11 insert
arrangements incl. 3 VDE versions.
• Available in plug and receptacle versions
for both male and female contacts.
• Connectors and accessories are moulded
from highly durable glass-filled
thermoplastic.
• Flammability rating: UL94-V0.
• UL approved-file Nr.: E31151
• Metal bayonet ring:
• - Metal wave spring loaded.
• - Locks with audible positive “click”
• - Assures 500 matings and unmatings
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 M
Ω min.
Test potential: 2000 VAC
Durability:
500 matings and
unmatings.
Vibration
Per MIL-STD202
resistance:
method 204
Thermal
Per MIL-STD202
shock:
method 207
Degree of protection per DIN 40050:
IP67 in mated condition. “H” version used
with UTG —ST cable clamp
Construction
Connector body
Glass filled thermoplast UL94-V0
Colour: black
Coupling ring:
Nickel plated brass
Tri-lock pins:
Stainless steel
Coupling spring: Spring steel
Contact accommodation
• “UTG” connectors accept Trim-Trio
removable snap-lock contacts (see
contact section)
• Contacts to be ordered seperately.
How to order
- -
- -
H
N
P
S
12
12
14
14
0
6
UTG
UTG
Connector family :
Body variation:
0 : Wall mounting receptacle
6 : Cable plug
1 : Free hanging receptacle
Shell size:
Insert arrangement:
Type of contacts: P : Pin contacts
S : Socket contacts
Plating
N : Nickelplated bayonet ring
Application
No letter : Standard version
H : Water protected version (only receptacle)
Design variation
No letter : Moulded-in contact marking (standard version)
Others : Specials versions


Similar Part No. - UTG

ManufacturerPart #DatasheetDescription
logo
SOURIAU-SUNBANK Connect...
UTG SOURIAU-UTG Datasheet
1Mb / 14P
The plastic circular connector with metal locking
logo
List of Unclassifed Man...
UTG010-4P ETC2-UTG010-4P Datasheet
880Kb / 33P
The plastic circular connector with metal locking
UTG010-4S ETC2-UTG010-4S Datasheet
880Kb / 33P
The plastic circular connector with metal locking
UTG0103P ETC2-UTG0103P Datasheet
880Kb / 33P
The plastic circular connector with metal locking
logo
SOURIAU-SUNBANK Connect...
UTG0103P SOURIAU-UTG0103P Datasheet
1Mb / 14P
The plastic circular connector with metal locking
More results

Similar Description - UTG

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4279 POMONA-4279 Datasheet
35Kb / 1P
Bantam Plug Cable Assembly
4280 POMONA-4280 Datasheet
48Kb / 1P
Bantam Miniature Phone Plug
6324 POMONA-6324 Datasheet
32Kb / 1P
Bantam Plug To RJ45 / RJ48
6331 POMONA-6331 Datasheet
24Kb / 1P
Patch Cord Dual Bantam Plug To Dual Bantam Plug
6517 POMONA-6517 Datasheet
41Kb / 1P
BNC to Bantam Cable
6523 POMONA-6523 Datasheet
40Kb / 1P
Bantam/Double Banana Plug Cable
logo
Switchcraft, Inc.
TT-512 SWITCH-TT-512 Datasheet
26Kb / 1P
TT (BANTAM) CIRCUIT GUARD PLUGS
logo
PHOENIX CONTACT
2914822 PHOENIX-2914822 Datasheet
68Kb / 5P
Electronic housing - ME 35 UTG TBUS KMGY
2706108 PHOENIX-2706108 Datasheet
55Kb / 2P
Electronic housing - ME 45 UTG YE
11/05/2018
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com