Electronic Components Datasheet Search
  English  ▼

X  

BAS40T Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAS40T
Description  SOT-523 Plastic-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAS40T Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAS40T Datasheet HTML 1Page - Nanjing International Group Co BAS40T Datasheet HTML 2Page - Nanjing International Group Co BAS40T Datasheet HTML 3Page - Nanjing International Group Co BAS40T Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS40T/-04T/-05T/-06T SCHOTTKY BARRIER DIODE
FEATURES
Low forward voltage
Fast switching
BAS40T MARKING:43
BAS40-04T MARKING: 44
BAS40-05T MARKING:45 BAS40-06T MARKING: 46
Maximum Ratings @Ta=25
℃
Parameter
Symbol
Limit
Unit
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking V oltage
VRRM
VRWM
VR
40
V
Forward Continuous Current
IFM
200
mA
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 8.3ms
IFSM
0.6
A
Power Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient
RθJA
667
℃/W
Operating Junction Temperature Range
TJ
-40 ~ +125
℃
Storage Temperature Range
TSTG
-55 ~ +150
℃
Electrical Characteristics @Ta=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse Breakdown Voltage
V (BR)
40
V
IR=10μA
VF1
0.38
V
IF=1mA
Forward Voltage
VF2
1
V
IF=40mA
Reverse Current
IR
0.2
μA
VR=30V
Diode Capacitance
CD
5
pF
VR=0,f=1MHz
Reverse Recovery Time
trr
5
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
SOT-523
MARKING:
BA
S40T
BA
S40-04T
BA
S40-05T
BA
S40-06T
SOT-523 Plastic-Encapsulate Diodes
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
1/4
www.dgnjdz.com


Similar Part No. - BAS40T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
160Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 5 - 2
logo
Weitron Technology
BAS40T WEITRON-BAS40T Datasheet
394Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
78Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
BAS40T SECOS-BAS40T Datasheet
349Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
122Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 13 - 2 July 2008
More results

Similar Description - BAS40T

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS21T WILLAS-BAS21T Datasheet
322Kb / 2P
SOT-523 Plastic-Encapsulate Diodes
BAV70T WILLAS-BAV70T Datasheet
374Kb / 3P
SOT-523 Plastic-Encapsulate Diodes
MMBD4148T WILLAS-MMBD4148T Datasheet
339Kb / 3P
SOT-523 Plastic-Encapsulate Diodes
MMBD4448HTX WILLAS-MMBD4448HTX Datasheet
361Kb / 2P
SOT-523 Plastic-Encapsulate Diodes
logo
Jiangsu Changjiang Elec...
2SA1832 JIANGSU-2SA1832 Datasheet
1Mb / 4P
SOT-523 Plastic-Encapsulate Transistors
2SC4617 JIANGSU-2SC4617 Datasheet
2Mb / 4P
SOT-523 Plastic-Encapsulate Transistors
2SC4618 JIANGSU-2SC4618 Datasheet
2Mb / 4P
SOT-523 Plastic-Encapsulate Transistors
2SC4738 JIANGSU-2SC4738 Datasheet
2Mb / 4P
SOT-523 Plastic-Encapsulate Transistors
MMBT2222AT JIANGSU-MMBT2222AT Datasheet
4Mb / 4P
SOT-523 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MTN5003T DGNJDZ-MTN5003T Datasheet
1Mb / 5P
SOT-523 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com