Electronic Components Datasheet Search
  English  ▼

X  

BCP55 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BCP55
Description  SOT-223 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCP55 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BCP55 Datasheet HTML 1Page - Nanjing International Group Co BCP55 Datasheet HTML 2Page - Nanjing International Group Co BCP55 Datasheet HTML 3Page - Nanjing International Group Co BCP55 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.2
0.4
0.6
0.8
1.0
1
10
100
1000
1
10
100
1000
10
100
1000
0
25
50
75
100
125
150
0
300
600
900
1200
1500
1800
1
10
100
1000
0.4
0.6
0.8
1.0
0.1
1
10
1
10
100
100
10
100
012
345
0
50
100
150
200
250
1
10
100
1000
10
100
1000
V
CB
/ V
EB
C
ob
/ C
ib
——
V
BE
I
C
——
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE=2V
BASE-EMITTER VOLTAGE
V
BE
(V)
Static Characteristic
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE=2V
300
30
COLLECTOR CURRENT
I
C
(mA)
f
T
——
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
( )
℃
T
a=100
℃
T
a=25
℃
β=10
COLLECTOR CURRENT
I
C
(mA)
300
300
f=1MHz
I
E=0/IC=0
T
a=25
℃
C
ob
C
ib
0.3
20
3
REVERSE BIAS VOLTAGE
V (V)
10
30
COMMON EMITTER
V
CE=10V
T
a=25
℃
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a=25
℃
1.0mA
0.7mA
0.9mA
0.6mA
0.5mA
0.8mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
I
C
T
a=25
℃
T
a=100
℃
β=10
V
BEsat
——
V
CEsat
——
I
C
I
C
300
30
COLLECTOR CURRENT
I
C
(mA)
Typical Characteristics
hTypical Characteristics
ha
2
G,Jan,2017
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com