Electronic Components Datasheet Search
  English  ▼

X  

BCX53 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BCX53
Description  PNP M edium P ow er Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCX53 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BCX53 Datasheet HTML 1Page - Nanjing International Group Co BCX53 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP Medium Power Transistors
Features
High current (max. 1 A).
Low voltage (max. 80 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
BCX51
VCBO
-45
V
BCX52
-60
V
BCX53
-100
V
Collector-emitter voltage
BCX51
VCEO
-45
V
BCX52
-60
V
BCX53
-80
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-1
A
Peak collector current
ICM
-1.5
A
Peak base current
IBM
-200
mA
Total power dissipation
Ptot
1.3
W
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Ramb
-65to+150
Thermal resistance from junction to ambient
Rth(j-a)
94
K/W
Thermal resistance from junction to solder point
Rth(j-s)
14
K/W
BCX51,BCX52,BCX53
www.dgnjdz.com


Similar Part No. - BCX53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
PNP medium power transistors
1999 Apr 19
logo
Siemens Semiconductor G...
BCX53 SIEMENS-BCX53 Datasheet
146Kb / 5P
PNP Silicon AF Transistors
logo
Central Semiconductor C...
BCX53 CENTRAL-BCX53 Datasheet
103Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX53 INFINEON-BCX53 Datasheet
141Kb / 5P
PNP Silicon AF Transistors
Feb-10-2004
logo
Zetex Semiconductors
BCX53 ZETEX-BCX53 Datasheet
28Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - BCX53

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Systemsensor advanced i...
T-TAP SYSTEMSENSOR-T-TAP Datasheet
215Kb / 2P
Waterfl ow Detectors
WFDE SYSTEMSENSOR-WFDE Datasheet
179Kb / 2P
Waterfl ow Detector
WFDTH SYSTEMSENSOR-WFDTH Datasheet
206Kb / 2P
Waterfl ow Detector
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Jiangsu Changjiang Elec...
EMB11 JIANGSU-EMB11 Datasheet
3Mb / 3P
Dual Digital Transistors (PNP P NP)
logo
Systemsensor advanced i...
WFDNF SYSTEMSENSOR-WFDNF Datasheet
411Kb / 2P
Waterfl ow Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com