Electronic Components Datasheet Search
  English  ▼

X  

6202 Datasheet(PDF) 12 Page - Linear Technology

Part # 6202
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

6202 Datasheet(HTML) 12 Page - Linear Technology

Back Button 6202 Datasheet HTML 8Page - Linear Technology 6202 Datasheet HTML 9Page - Linear Technology 6202 Datasheet HTML 10Page - Linear Technology 6202 Datasheet HTML 11Page - Linear Technology 6202 Datasheet HTML 12Page - Linear Technology 6202 Datasheet HTML 13Page - Linear Technology 6202 Datasheet HTML 14Page - Linear Technology 6202 Datasheet HTML 15Page - Linear Technology 6202 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT6202/LT6203/LT6204
12
620234fa
Balanced Noise Current vs
Frequency
Unbalanced Noise Current vs
Frequency
0.1Hz to 10Hz Output
Voltage Noise
Gain Bandwidth and Phase
Margin vs Temperature
Open-Loop Gain vs Frequency
Open-Loop Gain vs Frequency
Gain Bandwidth and Phase Margin
vs Supply Voltage
Output Impedance vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
7
6
5
4
3
2
1
0
10
1k
10k
100k
LT6202/03/04 G19
100
BALANCED SOURCE
RESISTANCE
VS = 5V, 0V
TA = 25°C
PNP ACTIVE
VCM = 0.5V
NPN ACTIVE
VCM = 4.5V
BOTH ACTIVE
VCM = 2.5V
FREQUENCY (Hz)
4
8
12
2
6
10
10
1k
10k
100k
LT6202/03/04 G19.1
0
100
UNBALANCED SOURCE
RESISTANCE
VS = 5V, 0V
TA = 25°C
PNP ACTIVE
VCM = 0.5V
BOTH ACTIVE
VCM = 2.5V
NPN ACTIVE
VCM = 4.5V
TIME (2s/DIV)
1200
1000
800
400
0
–400
–800
–1000
– 1200
LT6202/03/04 G20
VS = 5V, 0V
VCM = VS/2
TEMPERATURE (
°C)
–55
40
60
100
120
50
LT6202/03/04 G21
80
0
–25
75
100
25
125
VS = 3V, 0V
VS = 3V, 0V
VS = ±5V
VS = ±5V
PHASE MARGIN
GAIN BANDWIDTH
90
80
70
60
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
–10
–20
120
100
80
60
40
20
0
–20
–40
–60
–80
100k
10M
100M
1G
LT6202/03/04 G22
1M
PHASE
GAIN
VS = 3V, 0V
VS = 3V, 0V
VS = ±5V
VS = ±5V
CL = 5pF
RL = 1k
VCM = 0V
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
–10
–20
120
100
80
60
40
20
0
–20
–40
–60
–80
100k
10M
100M
1G
LT6202/03/04 G23
1M
PHASE
GAIN
VS = 5V, 0V
CL = 5pF
RL = 1k
VCM = 0.5V
VCM = 0.5V
VCM = 4.5V
VCM = 4.5V
TOTAL SUPPLY VOLTAGE (V)
0
6
LT6202/03/04 G24
120
80
24
8
60
40
100
10
12
14
PHASE MARGIN
GAIN BANDWIDTH
90
80
70
60
50
TA = 25°C
RL = 1k
CL = 5pF
TEMPERATURE (
°C)
–55
40
50
70
25
75
LT6202/03/04 G25
30
20
–25
0
50
100
125
10
0
60
VS = ±5V
VS = ±2.5V
RISING
FALLING
AV = –1
RF = RG = 1k
RL = 1k
VS = ±5V
VS = ±2.5V
FREQUENCY (Hz)
1
10
100k
10M
100M
LT6202/03/04 G26
0.1
1M
0.01
100
1000
VS = 5V, 0V
AV = 1
AV = 2
AV = 10
Slew Rate vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com