Electronic Components Datasheet Search
  English  ▼

X  

LTB2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTB2
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTB2 Datasheet(HTML) 3 Page - Linear Technology

  LTB2 Datasheet HTML 1Page - Linear Technology LTB2 Datasheet HTML 2Page - Linear Technology LTB2 Datasheet HTML 3Page - Linear Technology LTB2 Datasheet HTML 4Page - Linear Technology LTB2 Datasheet HTML 5Page - Linear Technology LTB2 Datasheet HTML 6Page - Linear Technology LTB2 Datasheet HTML 7Page - Linear Technology LTB2 Datasheet HTML 8Page - Linear Technology LTB2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT6202/LT6203/LT6204
3
620234fa
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V
+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V
–
+IN C
–IN C
OUT C
+
–
+
–
A
BC
D
TJMAX = 150°C, θJA = 150°C/W
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V
+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V
–
+IN C
–IN C
OUT C
NC
+
–
+
–
A
D
BC
TJMAX = 150°C, θJA = 135°C/W
ORDER PART
NUMBER
LT6204CS
LT6204IS
PACKAGE/ORDER I FOR ATIO
6204
6204I
GN PART
MARKING
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS T
A = 25°C, VS =5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V, 0V, VCM = Half Supply
LT6203, LT6204, LT6202S8
0.1
0.5
mV
LT6202 SOT-23
0.1
0.7
mV
VS = 3V, 0V, VCM = Half Supply
LT6203, LT6204, LT6202S8
0.6
1.5
mV
LT6202 SOT-23
0.6
1.7
mV
VS = 5V, 0V, VCM = V+ to V –
LT6203, LT6204, LT6202S8
0.25
2.0
mV
LT6202 SOT-23
0.25
2.2
mV
VS = 3V, 0V, VCM = V
+ to V –
LT6203, LT6204, LT6202S8
1.0
3.5
mV
LT6202 SOT-23
1.0
3.7
mV
Input Offset Voltage Match
VCM = Half Supply
0.15
0.8
mV
(Channel-to-Channel) (Note 6)
VCM = V– to V+
0.3
1.8
mV
IB
Input Bias Current
VCM = Half Supply
–7.0
–1.3
µA
VCM = V+
1.3
2.5
µA
VCM = V–
–8.8
–3.3
µA
∆IB
IB Shift
VCM = V
– to V+
4.7
11.3
µA
IB Match (Channel-to-Channel) (Note 6)
0.1
0.6
µA
IOS
Input Offset Current
VCM = Half Supply
0.12
1
µA
VCM = V+
0.07
1
µA
VCM = V–
0.12
1.1
µA
Input Noise Voltage
0.1Hz to 10Hz
800
nVP-P
en
Input Noise Voltage Density
f = 100kHz, VS = 5V
2
nV/
√Hz
f = 10kHz, VS = 5V
2.9
4.5
nV/
√Hz
in
Input Noise Current Density, Balanced
f = 10kHz, VS = 5V
0.75
pA/
√Hz
Input Noise Current Density, Unbalanced
1.1
pA/
√Hz
Input Resistance
Common Mode
4
M
Ω
Differential Mode
12
k
Ω
LT6204CGN
LT6204IGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com