Electronic Components Datasheet Search
  English  ▼

X  

6203 Datasheet(PDF) 1 Page - Linear Technology

Part # 6203
Description  Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

6203 Datasheet(HTML) 1 Page - Linear Technology

  6203 Datasheet HTML 1Page - Linear Technology 6203 Datasheet HTML 2Page - Linear Technology 6203 Datasheet HTML 3Page - Linear Technology 6203 Datasheet HTML 4Page - Linear Technology 6203 Datasheet HTML 5Page - Linear Technology 6203 Datasheet HTML 6Page - Linear Technology 6203 Datasheet HTML 7Page - Linear Technology 6203 Datasheet HTML 8Page - Linear Technology 6203 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT6202/LT6203/LT6204
1
620234fa
The LT
®6202/LT6203/LT6204 are single/dual/quad low
noise, rail-to-rail input and output unity gain stable op
amps that feature 1.9nV/
√Hz noise voltage and draw only
2.5mA of supply current per amplifier. These amplifiers
combine very low noise and supply current with a 100MHz
gain bandwidth product, a 25V/
µs slew rate, and are
optimized for low supply signal conditioning systems.
These amplifiers maintain their performance for supplies
from 2.5V to 12.6V and are specified at 3V, 5V and
±5V
supplies. Harmonic distortion is less than – 80dBc at
1MHz making these amplifiers suitable in low power data
acquisition systems.
The LT6202 is available in the 5-pin SOT-23 and the 8-pin
SO, while the LT6203 comes in 8-pin SO and MSOP pack-
ages with standard op amp pinouts. For compact layouts
the LT6203 is also available in a tiny fine line leadless
package (DFN), while the quad LT6204 is available in the
16-pin SSOP and 14-pin SO packages. These devices can
be used as plug-in replacements for many op amps to
improve input/output range and noise performance.
s
Low Noise, Low Power Signal Processing
s
Active Filters
s
Rail-to-Rail Buffer Amplifiers
s
Driving A/D Converters
s
DSL Receivers
s
Battery Powered/Battery Backed Equipment
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Low Noise Voltage: 1.9nV/
√Hz (100kHz)
s
Low Supply Current: 3mA/Amp Max
s
Gain Bandwidth Product: 100MHz
s
Dual LT6203 in Tiny DFN Package
s
Low Distortion: –80dB at 1MHz
s
Low Offset Voltage: 500
µV Max
s
Wide Supply Range: 2.5V to 12.6V
s
Input Common Mode Range Includes Both Rails
s
Output Swings Rail-to-Rail
s
Common Mode Rejection Ratio 90dB Typ
s
Unity Gain Stable
s
Low Noise Current: 1.1pA/
√Hz
s
Output Current: 30mA Min
s
Operating Temperature Range –40
°C to 85°C
Single/Dual/Quad 100MHz,
Rail-to-Rail Input and Output,
Ultralow 1.9nV/
√Hz Noise, Low Power Op Amps
Low Noise 4- to 2-Wire Local Echo Cancellation Differential Receiver
Line Receiver Integrated Noise 25kHz to 150kHz
BANDWIDTH (kHz)
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
40
80
100
6203 • TA01b
20
60
120 140
160
1:1
•
•
VL
100
Ω
LINE
50
Ω
50
Ω
1k
1k
VR
LINE
RECEIVER
2k
1k
1k
2k
6203 TA01a
–
+
–
+
–
+
VD
LINE
DRIVER
1/2 LT6203
1/2 LT6203
1/2 LT1739
1/2 LT1739
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO


Similar Part No. - 6203

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6203 POMONA-6203 Datasheet
27Kb / 1P
Spade Lug to Insulated Banana Jack
logo
Wurth Elektronik GmbH &...
620303124022 WURTH-620303124022 Datasheet
426Kb / 6P
WR-WTB SMT Male Vertical Shrouded Header
002.000
620310124022 WURTH-620310124022 Datasheet
715Kb / 1P
2.00 MM SMT MALE VERTICAL SHROUDED HEADER
620311124022 WURTH-620311124022 Datasheet
715Kb / 1P
2.00 MM SMT MALE VERTICAL SHROUDED HEADER
620312124022 WURTH-620312124022 Datasheet
715Kb / 1P
2.00 MM SMT MALE VERTICAL SHROUDED HEADER
More results

Similar Description - 6203

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
logo
Microchip Technology
RE46C311 MICROCHIP-RE46C311 Datasheet
850Kb / 22P
Low-Input Leakage, Rail-to-Rail Input/Output Op Amps
11/29/12 2013
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com