Electronic Components Datasheet Search
  English  ▼

X  

PDTA143TS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTA143TS
Description  PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA143TS Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTA143TS Datasheet HTML 1Page - NXP Semiconductors PDTA143TS Datasheet HTML 2Page - NXP Semiconductors PDTA143TS Datasheet HTML 3Page - NXP Semiconductors PDTA143TS Datasheet HTML 4Page - NXP Semiconductors PDTA143TS Datasheet HTML 5Page - NXP Semiconductors PDTA143TS Datasheet HTML 6Page - NXP Semiconductors PDTA143TS Datasheet HTML 7Page - NXP Semiconductors PDTA143TS Datasheet HTML 8Page - NXP Semiconductors PDTA143TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Aug 04
5
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open
PDTA143T series
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −50 V; IE =0
−−−100
nA
ICEO
collector-emitter cut-off current
VCE = −30 V; IB =0
−−−1
µA
VCE = −30 V; IB = 0; Tj = 150 °C
−−−50
µA
IEBO
emitter-base cut-off current
VEB = −5 V; IC =0
−−−100
nA
hFE
DC current gain
VCE = −5 V; IC = −1 mA
200
−−
VCEsat
collector-emitter saturation voltage
IC = −5 mA; IB = −0.25 mA
−−−150
mV
R1
input resistor
3.3
4.7
6.1
k
Ω
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz −−
3pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com