Electronic Components Datasheet Search
  English  ▼

X  

BL50436 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL50436
Description  Color TV Remote Control System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL50436 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL50436 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL50436 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Address: No.810, YiShan Road ShangHai China Tel:86-021-64850700 Fax:86-64852222 Zip.200233
BL50436Color TV Remote Control System
● Operating status i.e. volume, color saturation ratio, contrast, sharp, treble, bass balance, chrominance etc,
will be saved when turn-off. Previous status is entered at next start-up.
● 4MHz operating frequency
● 52-lead dual-in-line plastic package
Application
Used as Central Controlling Unit of infrared remote-control color TV.
Application Circuit
COL
MUTE
COL
LOCAL KEYBOAD
AND INSTRUCTOR
STANDBY
4.0MHz
M58655P
5V
AC
-30V
AFT ON/OFF
POWER ON
VOL
BRT
BAND2
BAND1
INT
BU
BAND
VOL
BRT
BT
BS
BV
LOW-PASS
T
REMOTE
AC
OSC2
H
PULSE
SYNC
AFT
V
OSC1
ON SCREEN
CONTROLLER
SWITCH
FILTER
LOW-PASS
FILTER
LOW-PASS
FILTER
LOW-PASS
FILTER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com