Electronic Components Datasheet Search
  English  ▼

X  

HD720 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # HD720
Description  Thermal Gap Filler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HD720 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  HD720 Datasheet HTML 1Page - Laird Tech Smart Technology HD720 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TflexTM HD700 Series
Thermal Gap Filler
A17758-00 Tflex HD700 DS 02-24-2022
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with the end
user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or
consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2013 Laird Technologies,
Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third
AVAILABILITY
STANDARD THICKNESSES
 0.5mm (0.020”) to 5.0mm (0.200”) thick material available in 0.25mm (0.010”) increments
 Available in standard sheet sizes of 18” x 18” and 9” x 9” or custom die cut parts
OPTIONS
 DC1 – eliminate tack from one side
 PI – polyimide liner added to one side
 GR - Dark Grey Color
PART NUMBER SYSTEM
Tflex™ indicates Laird elastomeric thermal gap filler product line. HD7xxx indicates Tflex HD700 product line with thickness in mils (0.001”).
 Tflex™ HD740 = 0.040” thick Tflex™ HD700 material
 Tflex™ HD7100,DC1 = 0.10” thick Tflex™ HD700 material with DC1 option
 Tflex™ HD7100PI = 0.10” thick Tflex™ HD700 material with PI liner
 Tflex™ HD7120,GR = 0.120” thick Tflex™ HD700 material in dark grey color
0.000 C-in2/W
0.200 C-in2/W
0.400 C-in2/W
0.600 C-in2/W
0.800 C-in2/W
1.000 C-in2/W
1.200 C-in2/W
1.400 C-in2/W
10 psi 20 psi 30 psi 40 psi 50 psi 60 psi 70 psi 80 psi 90 psi 100 psi
Tflex HD700 Thermal Resistance vs Pressure
Tflex HD720
Tflex HD740
Tflex HD780
Tflex HD7100
Tflex HD7140
Tflex HD7200
0%
10%
20%
30%
40%
50%
60%
70%
80%
0 psi
20 psi
40 psi
60 psi
80 psi
100 psi
Tflex HD700 Deflection vs Pressure
Tflex HD720
Tflex HD740
Tflex HD780
Tflex HD7100
Tflex HD7140
Tflex HD7200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com