Electronic Components Datasheet Search
  English  ▼

X  

MBR1060C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR1060C
Description  SCHOTTKY BARRIER RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR1060C Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR1060C Datasheet HTML 1Page - Unisonic Technologies MBR1060C Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR1060C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R601-019,A
ELECTRICAL CHARACTERISTICS RATINGS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
60
V
Maximum DC Blocking Voltage
VR
60
V
Working Peak Reverse Voltage
VRWM
60
V
Maximum PMS Reverse Voltage
VR(RMS)
42
V
Average Forward Rectified Output Current
(Note 1)(TC=105℃)
IOUT
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half-Sine-Wave
IFSM
125
A
Repetitive Peak Reverse Surge Current (tP≤ 2.0µs)
IRRM
1.0
A
IF=5.0A, TC=125℃
0.70
V
IF=5.0A, TC=25℃
0.80
V
Forward Voltage Drop
IF=10A, TC=25℃
VFM
0.95
V
TC= 25℃
0.1
mA
Peak Reverse Current
at Rated DC Blocking Voltage
TC=125℃
IRM
15
mA
Typical Junction Capacitance (Note 2)
CJ
150
pF
Operating Temperature
TJ
-65 ~ +150
Storage Temperature
TSTG
-65 ~ +150
Notes: 1. Thermal resistance junction to case mounted heat sink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com