Electronic Components Datasheet Search
  English  ▼

X  

LBH1000 Datasheet(PDF) 2 Page - LUXPIA

Part # LBH1000
Description  1.6횞0.8횞0.4 mm(L횞W횞H) small size surface mount type SMD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LBH1000 Datasheet(HTML) 2 Page - LUXPIA

  LBH1000 Datasheet HTML 1Page - LUXPIA LBH1000 Datasheet HTML 2Page - LUXPIA LBH1000 Datasheet HTML 3Page - LUXPIA LBH1000 Datasheet HTML 4Page - LUXPIA LBH1000 Datasheet HTML 5Page - LUXPIA LBH1000 Datasheet HTML 6Page - LUXPIA LBH1000 Datasheet HTML 7Page - LUXPIA LBH1000 Datasheet HTML 8Page - LUXPIA LBH1000 Datasheet HTML 9Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
LBH1000
Different and Better
1. Features
• Package : SMD package1000
• Colorless transparency
• 1.6×0.8×0.4 mm(L×W×H) small size surface mount type
• Wavelength : 470nm(blue)
• Viewing angle : extremely wide(160˚)
• Technology : InGaN
• Optical efficiency : 6 lm/W
• Soldering methods : IR reflow soldering
• Taping : 8 mm conductive black carrier tape & antistatic clear cover tape.
5000pcs/reel, Φ180 mm whee
l
2. Outline dimensions
(unit : mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com