Electronic Components Datasheet Search
  English  ▼

X  

DC3332015TP Datasheet(PDF) 1 Page - SAB North America

Part # DC3332015TP
Description  Tray & VFD Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAB [SAB North America]
Direct Link  https://www.sabcable.com/
Logo SAB - SAB North America

DC3332015TP Datasheet(HTML) 1 Page - SAB North America

  DC3332015TP Datasheet HTML 1Page - SAB North America  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
9
AWM I/II A/B 105°C 300V FT4 RoHS
C
C
®
24 AWG (7/32)
DC3222401TP*
1
0.190
4.8
31
DC3222402TP
2
0.246
6.2
44
DC3222403TP
3
0.258
6.6
51
DC3222404TP
4
0.292
7.4
57
DC3222405TP
5
0.307
7.8
65
DC3222406TP
6
0.328
8.3
73
DC3222408TP
8
0.351
8.9
85
DC3222409TP
9
0.373
9.5
97
DC3222415TP
15
0.460
11.7
151
®
22 AWG (7/30)
DC3332201TP*
1
0.203
5.2
32
DC3332202TP
2
0.266
6.8
50
DC3332203TP
3
0.289
7.3
63
DC3332204TP
4
0.323
8.2
71
DC3332205TP
5
0.333
8.5
80
DC3332206TP
6
0.358
9.1
90
DC3332208TP
8
0.383
9.7
107
DC3332209TP
9
0.429
10.9
128
DC3332211TP
11
0.460
11.7
154
DC3332215TP
15
0.505
12.8
188
®
20 AWG (≈ 19/32)
DC3332001TP
1
0.220
5.6
42
DC3332002TP
2
0.305
7.7
67
DC3332003TP
3
0.321
8.2
80
DC3332004TP
4
0.345
8.8
95
DC3332006TP
6
0.422
10.7
129
DC3332009TP
9
0.482
12.2
180
DC3332015TP
15
0.572
14.5
254
®
18 AWG (19/30)
DC3331801TP
1
0.300
7.6
68
DC3331802TP
2
0.415
10.5
106
DC3331803TP
3
0.439
11.2
128
DC3331804TP
4
0.476
12.1
162
DC3331806TP
6
0.595
15.1
231
DC3331809TP
9
0.686
17.4
312
DC3331815TP
15
0.823
20.9
461
®
16 AWG (26/30)
DC3331601TP
1
0.320
8.1
78
DC3331602TP
2
0.448
11.4
124
DC3331603TP
3
0.474
12.0
162
DC3331604TP
4
0.515
13.1
192
1
black
paired with red
2
black
paired with white
3
black
paired with green
4
black
paired with blue
5
black
paired with yellow
6
black
paired with brown
7
black
paired with orange
8
red
paired with white
9
red
paired with green
10
red
paired with blue
11
red
paired with yellow
12
red
paired with brown
13
red
paired with orange
14
green
paired with white
15
green
paired with blue
16
green
paired with yellow
17
green
paired with brown
18
green
paired with orange
19
white
paired with blue
20
white
paired with yellow
21
white
paired with brown
22
white
paired with orange
23
blue
paired with yellow
24
blue
paired with brown
25
blue
paired with orange
Pair
no.
color combination
Color Code Chart 3:
*DC3222401TP & DC3332201TP: black paired with white color code
item no.
no. of
pairs
nominal outer-ø
cable
weight
≈lbs/mft
inch
mm
item no.
no. of
pairs
nominal outer-ø
cable
weight
≈lbs/mft
inch
mm
DC 105 C TP
Shielded, semi-rigid, twisted pair, PVC data cable
Type PLTC, ITC, and CMG
Tray & VFD Cables
866-722-2974
.
info@sabcable.com
www.sabcable.com
Technical data:
Nominal voltage:
300 V
Testing voltage:
2000 V
Min. bending radius:
fixed installation:
6 x O.D.
Temperature range:
-25/+105°C
Approvals:
UL:
CMG (24 - 16 AWG)
PLTC & ITC (22 - 20 AWG)
PLTC-ER & ITC-ER (18 -16 AWG)
CSA: CMG/FT4 AWM I/II A/B
CE, RoHS
Absence of
acc. to RoHS directive of the European Union
harmful substances:
see page O/30
Construction:
Conductor:
tinned copper strands
Insulation:
24 - 20 AWG:
semi-rigid PVC
18 - 16 AWG:
PVC/nylon
Color code:
color code, chart 3, see page O/27
Stranding:
paired and twisted together in layers
with non-wicking fillers
Shielding:
double shielding, alu-foil
tinned copper braiding and tinned drain wire
Jacket material:
PVC
Jacket color:
grayish tan (RAL 7032)
Marking for DC 105 C TP DC3332203TP: S North America
P/N DC3332203TP 22AWG/3pr (UL) TYPE PLTC or ITC or CMG SHIELDED 105°C (DC 105 CTP)
CSA TYPE CMG or AWM I/II A/B 105°C 300V FT4 RoHS
C


Similar Part No. - DC3332015TP

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DC3338J5005AHF ANAREN-DC3338J5005AHF Datasheet
178Kb / 6P
Ultra Low Profile 0805
logo
Analog Devices
DC333A AD-DC333A Datasheet
165Kb / 6P
Demo board DC333A Quick Start Guide.
DC333A-A AD-DC333A-A Datasheet
165Kb / 6P
Demo board DC333A Quick Start Guide.
More results

Similar Description - DC3332015TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2104F TOSHIBA-TB2104F Datasheet
326Kb / 8P
VFD DRIVER
15-May-1998
logo
ELAN Microelectronics C...
EPVP6200 EMC-EPVP6200 Datasheet
442Kb / 57P
VFD Controller
EPVP6300 EMC-EPVP6300 Datasheet
517Kb / 63P
VFD Controller
logo
Toshiba Semiconductor
TB2104F TOSHIBA-TB2104F_02 Datasheet
465Kb / 9P
VFD Driver
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
List of Unclassifed Man...
1351331 ETC2-1351331 Datasheet
1Mb / 22P
300V Power-Limited Tray Cables ??Overview
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
Cables
26 MAY 21 Rev: R
logo
SAB North America
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
Tray & VFD Cables
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
Tray & VFD Cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com