Electronic Components Datasheet Search
  English  ▼

X  

RTE Datasheet(PDF) 2 Page - ITT Industries

Part # RTE
Description  Low Profile Rotary DIP Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTE Datasheet(HTML) 2 Page - ITT Industries

  RTE Datasheet HTML 1Page - ITT Industries RTE Datasheet HTML 2Page - ITT Industries RTE Datasheet HTML 3Page - ITT Industries RTE Datasheet HTML 4Page - ITT Industries RTE Datasheet HTML 5Page - ITT Industries RTE Datasheet HTML 6Page - ITT Industries RTE Datasheet HTML 7Page - ITT Industries RTE Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-21
I
C&K RTE Series
Low Profile Rotary DIP Switches
RT
E
Number of Positions
RTE04
4 position*
RTE10
10 position
RTE16
16 position
ESD Protection
0
without
1
with**
Actuator
0
Flush, screwdriver slot
1
Extended shaft ****
2
Shaft for button ****
Terminations
N
Thru-hole
V
Right angle
G
Surface mount
M
Manual
Switch Function
0
Single pole
(not available for RTE10 & RTE16)
1
BCD code
2
BCD complement code (for RTE10 only/
not available with terminations G,M)
4
Hexadecimal code (for RTE16 only)
Contact/Terminal Material
3
Gold/Tin-Lead
4
Gold/Matte-tin
* RTE04 version only available with screw driver slot acuator "0"
** ESD protection only available with N termination
*** Buttons ordered separately
**** Not available in surface mount
***** Available with RTE 10, and RTE 16, with actuator option 2 only
Please note Gray code option available, consult ITT customer service for options and availability.
***
***
*****



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com