Electronic Components Datasheet Search
  English  ▼

X  

LBH5015 Datasheet(PDF) 3 Page - LUXPIA

Part # LBH5015
Description  High Brightness LED Lamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LBH5015 Datasheet(HTML) 3 Page - LUXPIA

  LBH5015 Datasheet HTML 1Page - LUXPIA LBH5015 Datasheet HTML 2Page - LUXPIA LBH5015 Datasheet HTML 3Page - LUXPIA LBH5015 Datasheet HTML 4Page - LUXPIA LBH5015 Datasheet HTML 5Page - LUXPIA LBH5015 Datasheet HTML 6Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
LBH5015
High Brightness LED Lamp
Different and Better
■ Dominant Wavelength
(Ta=25℃)
WD RANK
Test Condition
Min.
Typ.
Max.
Unit
A
465
-
470
B
470
-
475
C
IF= 20mA
475
-
480
nm
* Wavelength are tested at a current pulse duration 25ms and an accuracy of ±1 nm.
■ Luminous intensity ranks
(Ta=25℃)
Iv RANK
Test Condition
Min.
Typ.
Max.
Unit
O
850
1200
P
1200
1700
Q
1700
2400
R
IF= 20mA
2400
3400
mcd
* Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ±11%.
Intensity Measured : 0.01sr(CIE. LED_B)
■ Forward Voltage
(Ta=25℃)
VF RANK
Test Condition
Min.
Typ.
Max.
Unit
1
-
3.1
3.3
2
IF= 20mA
3.3
3.5
3.8
V
* Voltages are tested at a current pulse duration of 1 ms and an accuracy of ±0.1V.
■ Precautions On LED using
* To avoid optical difference, Please do not mix differently-ranked product.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com