Electronic Components Datasheet Search
  English  ▼

X  

BGY204 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY204
Description  UHF amplifier module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY204 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY204 Datasheet HTML 1Page - NXP Semiconductors BGY204 Datasheet HTML 2Page - NXP Semiconductors BGY204 Datasheet HTML 3Page - NXP Semiconductors BGY204 Datasheet HTML 4Page - NXP Semiconductors BGY204 Datasheet HTML 5Page - NXP Semiconductors BGY204 Datasheet HTML 6Page - NXP Semiconductors BGY204 Datasheet HTML 7Page - NXP Semiconductors BGY204 Datasheet HTML 8Page - NXP Semiconductors BGY204 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1996 May 21
2
Philips Semiconductors
Product specification
UHF amplifier module
BGY204
FEATURES
• 4.8 V nominal supply voltage
• 3.2 W output power
• Easy control of output power by DC voltage.
APPLICATIONS
• Digital cellular radio systems with Time Division Multiple
Access (TDMA) operation (GSM systems) in the
880 to 915 MHz frequency range.
DESCRIPTION
The BGY204 is a four-stage UHF amplifier module in a
SOT321B package. The module consists of four NPN
silicon planar transistor dies mounted together with
matching and bias circuit components on a metallized
ceramic substrate.
PINNING - SOT321B
PIN
DESCRIPTION
1
RF input
2VC
3VS
4
RF output
Flange
ground
Fig.1 Simplified outline.
12
3
4
MSA489
Top view
QUICK REFERENCE DATA
RF performance at Tmb =25 °C.
MODE OF
OPERATION
f
(MHz)
VS
(V)
VC
(V)
PL
(W)
Gp
(dB)
η
(%)
ZS; ZL
(
Ω)
Pulsed;
δ = 1 : 8
880 to 915
4.8
≤3.5
3.2
≥35
typ. 45
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com