Electronic Components Datasheet Search
  English  ▼

X  

ADRF5347-EVALZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5347-EVALZ
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5347-EVALZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5347-EVALZ Datasheet HTML 2Page - Analog Devices ADRF5347-EVALZ Datasheet HTML 3Page - Analog Devices ADRF5347-EVALZ Datasheet HTML 4Page - Analog Devices ADRF5347-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5347-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5347-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5347-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5347-EVALZ Datasheet HTML 9Page - Analog Devices ADRF5347-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
ADRF5347
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 15
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4, 5, 7 ,8, 10, 16, 18, 19
GND
Ground.
3
RFC
RF Common Port. The RFC Pin is AC Matched to 50 Ω.
6
RF1
RF Throw Port 1. The RF1 Pin is AC Matched to 50 Ω.
9
RF2
RF Throw Port 2. The RF2 Pin is AC Matched to 50 Ω.
11
V1
Control Input 1. See Table 6.
12
V2
Control Input 2. See Table 6.
13
LS
Logic Select. See Table 6.
14
VSS
Negative Supply Voltage.
15
VDD
Positive Supply Voltage.
17
RF3
RF Throw Port 3. The RF3 Pin is AC Matched to 50 Ω.
20
RF4
RF Throw Port 4. The RF4 Pin is AC Matched to 50 Ω.
EPAD
Exposed Pad. The Exposed Pad Must be Connected to the RF and DC Ground of the PCB.
INTERFACE SCHEMATICS
Figure 3. RF Interface Schematic
Figure 4. V1, V2, and LS Control Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com