Electronic Components Datasheet Search
  English  ▼

X  

BL0510 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL0510
Description  General Infrared Ray Remote Control Receiver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0510 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL0510 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Address: No.810, YiShan Road ShangHai China Tel:86-021-64850700 Fax:86-64852222 Zip.200233
BL0509/BL0510
General Infrared Ray Remote Control Receiver
Description
The BL0509/0510 is CMOS LSI designed for use on the general infrared ray remote control receiver, and
when it is used in combination with BL9148, the remote control system can be constructed.
The BL0509 is DIP 16 Pin type and is capable of controlling 10 functions, while the BL0510 is DIP 24 PIN
type and is capable of controlling 18 functions. Except these, the principle and the block diagram of the two
circuits are almost the same.
Pin Assignment
BL0510
BL0509
Features
・High anti-interference: excellent capability to anti-interfere, such as fluorescent lamp’s ballast, television,
etc. No error-code can be output.
・When power on reset period, on pulse can be output from all ports and mal-operation can’t be happened
・Able to output multiple keying signals parallel sent from the BL9148.(The BL0509 is able to output parallel
up to 5functions,while the BL0510 is up to 6 functions)
・Single pulse, continuous pulse and cyclic pulse outputs are provided,(Cyclic pulse is available only for
BL0510)
・A single terminal type oscillator by means of CR is provided
・Code detection circuit provided for code check with the transmitter preventing interference’s form other
types.
Applications
Use as remote control transmitters in audios, air conditioners, toys and others.
BL0509 External Circuit
BL0510 External Circuit
HP
SP
HP
HP
5
5
3
4
HP
HP
X
R IN
2
1
GND
SP
BL0509
SP SP
SP
3
4
1
2
OSC
C
C
2
1
VDD
R IN
X
10µF
C R 1000pF 1000pF
CONTROL SIGNAL
CONTROL SIGNAL
HP
HP
HP
HP
5
6
3
4
HP
HP
X
R IN
2
1
GND
SP
BL0510
SP SP
SP
3
4
1
2
OSC
C
C
2
1
VDD
R IN
X
10KΩ
10µF
C R 1000pF 1000pF
CONTROL SIGNAL
CONTROL SIGNAL
2
10
1
9
5
SP
7
6
8
SP
SP
SP
SP
CP CP SP
DD
V
Note: R=39K, C=1000pF
Note: R=39K, C=1000pF


Similar Part No. - BL0510

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BL051 BEREX-BL051 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051 Datasheet
720Kb / 13P
5-4000 MHz Wideband Low Noise Amplifier
BL051 BEREX-BL051_1 Datasheet
1Mb / 16P
5-4000 MHz Wideband Low Noise Amplifier
More results

Similar Description - BL0510

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8160 STMICROELECTRONICS-TDA8160 Datasheet
51Kb / 4P
INFRARED REMOTE CONTROL RECEIVER
Aug-1992
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
Infrared Remote Control Receiver
logo
Toshiba Semiconductor
TC9149P TOSHIBA-TC9149P Datasheet
890Kb / 12P
For Infrared Ray Remote Control Receiver
logo
New Japan Radio
NJL24H400A NJRC-NJL24H400A Datasheet
150Kb / 7P
INFRARED REMOTE CONTROL RECEIVER
NJL61V360A NJRC-NJL61V360A Datasheet
223Kb / 6P
INFRARED REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
BL9150 ETC1-BL9150 Datasheet
39Kb / 2P
General infrared Ray Remote Control Receiver
logo
Silan Microelectronics ...
SC9150A SILAN-SC9150A Datasheet
155Kb / 13P
INFRARED REMOTE CONTROL RECEIVER
logo
SHANGHAI BELLING CO., L...
BL9149 BELLING-BL9149 Datasheet
51Kb / 2P
CMOS LSI designed for use on the general infrared ray remote control receiver
logo
New Japan Radio
NJL31H360A NJRC-NJL31H360A Datasheet
143Kb / 7P
INFRARED REMOTE CONTROL RECEIVER
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
INFRARED REMOTE CONTROL RECEIVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com