Electronic Components Datasheet Search
  English  ▼

X  

TCP8560 Datasheet(PDF) 28 Page - Hosiden Corporation

Part # TCP8560
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8560 Datasheet(HTML) 28 Page - Hosiden Corporation

Back Button TCP8560 Datasheet HTML 24Page - Hosiden Corporation TCP8560 Datasheet HTML 25Page - Hosiden Corporation TCP8560 Datasheet HTML 26Page - Hosiden Corporation TCP8560 Datasheet HTML 27Page - Hosiden Corporation TCP8560 Datasheet HTML 28Page - Hosiden Corporation TCP8560 Datasheet HTML 29Page - Hosiden Corporation TCP8560 Datasheet HTML 30Page - Hosiden Corporation TCP8560 Datasheet HTML 31Page - Hosiden Corporation TCP8560 Datasheet HTML 32Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
27
Unit:mm
TCS61□5 Series
Quick Lock Type
Sockets with Cable (Quick Lock Type)
TCS6185-011125
13.6
41.5
30.5
5.5
14
Contact Arrangement
a
8
7
6
4
Suitable Cord
Dia. A
Color
4
2
1
3
6
5
4
3
1
2
7
5
6
4
3
1
2
8
6
7
5
4
3
1
2
4.8mm
TCS61□5
Series
Black
TCS6145-011125
TCS6165-011125
TCS6175-011125
TCS6185-011125
Gray#1
TCS6145-011225
TCS6165-011225
TCS6175-011225
TCS6185-011225
Gray#2
TCS6145-011325
TCS6165-011325
TCS6175-011325
TCS6185-011325
Notes:
1. Sockets are equipped with a cable. (Sockets cannot be sold independently.)
2. Wires are connected to the contacts by crimping. The types of the con-
tacts are shown in the table below.
3. The contacts are optional. To crimp the contacts, a special tool is re-
quired.
4. Combinations with plugs
① Can be fit with the TCP6100 series.
② The combinations of the 8P (a) plug and the 7P socket are not de-
signed for error connecting prevention.
Part No. of Contact Applicable Wire Size Finished Outside Diameter
6
7
8a
TCS9200-10-010
AWG #26∼30
∅1 max.
All
All
All
TCS9200-11-010
AWG #22∼24
∅1.3 max.
3∼6
3∼7
3∼8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com