Electronic Components Datasheet Search
  English  ▼

X  

TCP8541 Datasheet(PDF) 9 Page - Hosiden Corporation

Part # TCP8541
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8541 Datasheet(HTML) 9 Page - Hosiden Corporation

Back Button TCP8541 Datasheet HTML 5Page - Hosiden Corporation TCP8541 Datasheet HTML 6Page - Hosiden Corporation TCP8541 Datasheet HTML 7Page - Hosiden Corporation TCP8541 Datasheet HTML 8Page - Hosiden Corporation TCP8541 Datasheet HTML 9Page - Hosiden Corporation TCP8541 Datasheet HTML 10Page - Hosiden Corporation TCP8541 Datasheet HTML 11Page - Hosiden Corporation TCP8541 Datasheet HTML 12Page - Hosiden Corporation TCP8541 Datasheet HTML 13Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
8
Unit:mm
TCP7100 Series
Quick Lock Type
TCP8300 Series
Moulded Type Straight Plugs
TCP8380
EMI-Proof
∅10.6
13.6
∅A
22
5
6.7
43.5
TCP7180
EMI-Proof
43.6
30.6
6
5
∅10.6
∅A
12.6
Notes:
1. The TCP8300, TCP7100 series plugs are made by insertion molding with
cables. Plugs cannot be sold independently.
2. The insulation materials of the above products are recognized by UL
(94V-0).
3. Combinations with sockets
① Please see Mating Table.
② The combinations of the 5P (a) plug and the 6P socket, the 8P (a)
plug and the 6P socket, and the 8P (a) plug and the 7P socket are not
designed for error connecting prevention.
4. Color: Black, Gray #1, Gray #2
Model No. Table
Pin Arrangement
3
4
5a
6
7
8a
8b
Cord diameter A
4.8mm
TCP8300 Series
TCP8330
TCP8340
TCP8350
TCP8360
TCP8370
TCP8380
TCP8390
3.8mm
TCP8300 Series
TCP8331
TCP8341
TCP8351
TCP8361
TCP8371
TCP8381
TCP8391
4.8mm
TCP7100 Series
TCP7130
TCP7140
TCP710
TCP7160
TCP7180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com